Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 111Page - Renesas Technology Corp M32C/86T Datasheet HTML 112Page - Renesas Technology Corp M32C/86T Datasheet HTML 113Page - Renesas Technology Corp M32C/86T Datasheet HTML 114Page - Renesas Technology Corp M32C/86T Datasheet HTML 115Page - Renesas Technology Corp M32C/86T Datasheet HTML 116Page - Renesas Technology Corp M32C/86T Datasheet HTML 117Page - Renesas Technology Corp M32C/86T Datasheet HTML 118Page - Renesas Technology Corp M32C/86T Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 505 page
background image
Page 92
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.5.3.2 Exiting Stop Mode
_______
Stop mode is exited by the hardware reset, NMI interrupt or peripheral function interrupts (key input
______
interrupt and INT interrupt).
_______
When the hardware reset or NMI interrupt, but not the peripheral function interrupts, is used to exit wait
mode, set all ILVL2 to ILVL0 bits in the interrupt control registers for the peripheral function interrupt to
"0002" (interrupt disabled) before setting the CM10 bit to "1" (all clocks stops).
9.5.3.3 Pin Status in Stop Mode
Table 9.9 lists pin status in stop mode.
Table 9.9 Pin Status in Stop Mode
Pin
Memory Expansion Mode(1)
Single-Chip Mode
Microprocessor Mode(1)
_______
_______
_______
Address Bus, Data Bus, CS0 to CS3, BHE
Maintains state immediately before
entering stop mode
_____
______
________
_________
RD, WR, WRL, WRH
"H"
__________
HLDA, BCLK
"H"
ALE
"H"
Ports
Maintains state immediately before entering stop mode
CLKOUT
When fC selected
"H"
When f8, f32 selected
Maintains state immediately before entering stop mode
XIN
Placed in a high-impedance state
XOUT
"H"
XCIN, XCOUT
Placed in a high-impedance state
NOTES:
1. M32C/86T cannot be used in memory expansion mode and microprocessor mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com