Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 114Page - Renesas Technology Corp M32C/86T Datasheet HTML 115Page - Renesas Technology Corp M32C/86T Datasheet HTML 116Page - Renesas Technology Corp M32C/86T Datasheet HTML 117Page - Renesas Technology Corp M32C/86T Datasheet HTML 118Page - Renesas Technology Corp M32C/86T Datasheet HTML 119Page - Renesas Technology Corp M32C/86T Datasheet HTML 120Page - Renesas Technology Corp M32C/86T Datasheet HTML 121Page - Renesas Technology Corp M32C/86T Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 505 page
background image
Page 95
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
9.6 System Clock Protect Function
The system clock protect function prohibits the CPU clock from changing clock sources when the main
clock is selected as the CPU clock source. This prevents the CPU clock from stopping the program crash.
When the PM21 bit in the PM2 register is set to "1" (clock change disable), the following bits cannot be
written to:
• The CM02 bit, CM05 bit and CM07 bit in the CM0 register
• The CM10 bit and CM17 bit in the CM1 register
• The CM20 bit in the CM2 register
• All bits in the PLC0 and PLC1 registers
The CPU clock continues running when the WAIT instruction is executed.
To use the system clock protect function, set the CM05 bit in the CM0 register to "0" (main clock oscillation)
and CM07 bit to "0" (main clock as BCLK clock source) and follow the procedure below.
(1) Set the PRC1 bit in the PRCR register to "1" (write enable).
(2) Set the PM21 bit in the PM2 register to "1" (protects the clock).
(3) Set the PRC1 bit in the PRCR register to "0" (write disable).
When the PM21 bit is set to "1", do not execute the WAIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com