Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 115Page - Renesas Technology Corp M32C/86T Datasheet HTML 116Page - Renesas Technology Corp M32C/86T Datasheet HTML 117Page - Renesas Technology Corp M32C/86T Datasheet HTML 118Page - Renesas Technology Corp M32C/86T Datasheet HTML 119Page - Renesas Technology Corp M32C/86T Datasheet HTML 120Page - Renesas Technology Corp M32C/86T Datasheet HTML 121Page - Renesas Technology Corp M32C/86T Datasheet HTML 122Page - Renesas Technology Corp M32C/86T Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 505 page
background image
Page 96
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
10. Protection
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Symbol
Address
After Reset
PRCR
000A16
XXXX 00002
NOTES:
1. The PRC2 bit is set to "0" by writing into a desired address after the PRC2 bit is set to "1".
The PRC0, PRC1 and PRC3 bits are not automatically set to "0". Set them to "0" by program.
Protect Register
PRC0
PRC1
PRC2
Protect Bit 0
Protect Bit 1
Protect Bit 2(1)
Protect Bit 3
PRC3
(b7 - b4)
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
Function
Bit Name
Bit
Symbol
RW
RW
RW
RW
Enables writing to VCR2, D4INT
registers
0 : Write disable
1 : Write enable
Enables writing to CM0, CM1, CM2,
MCD, PLC0, PLC1 registers
0 : Write disable
1 : Write enable
Enables writing to PM0, PM1, PM2,
INVC0, INVC1 registers
0 : Write disable
1 : Write enable
Enables writing to PD9, PS3 registers
0 : Write disable
1 : Write enable
b7
b6
b5
b4
b3
b2
b1
b0
10. Protection
The protection function protects important registers from being easily overwritten when a program runs out of
control.
Figure 10.1 shows the PRCR register. Each bit in the PRCR register protects the following registers:
• The PRC0 bit protects the CM0, CM1, CM2, MCD, PLC0 and PLC1 registers;
• The PRC1 bit protects the PM0, PM1, PM2, INVC0 and INVC1 registers;
• The PRC2 bit protects the PD9 and PS3 registers;
• The PRC3 bit protects the VCR2 and D4INT registers.
The PRC2 bit is set to "0" (write disable) when data is written to a desired address after setting the PRC2 bit
to "1" (write enable). Set the PD9 and PS3 registers immediately after setting the PRC2 bit in the PRCR
register to "1" (write enable). Do not generate an interrupt or a DMA transfer between the instruction to set
to the PRC2 bit to "1" and the following instruction. The PRC0, PRC1 and PRC3 bits are not set to "0" even
if data is written to desired addresses. Set the PRC0, PRC1 and PRC3 bits to "0" by program.
Figure 10.1 PRCR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com