Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 117Page - Renesas Technology Corp M32C/86T Datasheet HTML 118Page - Renesas Technology Corp M32C/86T Datasheet HTML 119Page - Renesas Technology Corp M32C/86T Datasheet HTML 120Page - Renesas Technology Corp M32C/86T Datasheet HTML 121Page - Renesas Technology Corp M32C/86T Datasheet HTML 122Page - Renesas Technology Corp M32C/86T Datasheet HTML 123Page - Renesas Technology Corp M32C/86T Datasheet HTML 124Page - Renesas Technology Corp M32C/86T Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 505 page
background image
Page 98
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
11.2 Software Interrupts
Software interrupt occurs when an instruction is executed. The software interrupts are non-maskable inter-
rupts.
11.2.1 Undefined Instruction Interrupt
The undefined instruction interrupt occurs when the UND instruction is executed.
11.2.2 Overflow Interrupt
The overflow interrupt occurs when the O flag in the FLG register is set to "1" (overflow of arithmetic
operation) and the INTO instruction is executed.
Instructions to set the O flag are :
ABS, ADC, ADCF, ADD, ADDX, CMP, CMPX, DIV, DIVU, DIVX, NEG, RMPA, SBB, SCMPU, SHA, SUB, SUBX
11.2.3 BRK Interrupt
The BRK interrupt occurs when the BRK instruction is executed.
11.2.4 BRK2 Interrupt
The BRK2 interrupt occurs when the BRK2 instruction is executed.
Do not use this interrupt. For development support tools only.
11.2.5 INT Instruction Interrupt
The INT instruction interrupt occurs when the INT instruction is executed. The INT instruction can select
software interrupt numbers 0 to 63. Software interrupt numbers 8 to 49, 52 to 54 and 57 are assigned to the
vector table used for the peripheral function interrupt. Therefore, the microcomputer executes the same
interrupt routine when the INT instruction is executed as when a peripheral function interrupt occurs.
When the INT instruction is executed, the FLG register and PC are saved to the stack. PC also stores the
relocatable vector of specified software interrupt numbers. Where the stack is saved varies depending
on a software interrupt number. ISP is selected as the stack for software interrupt numbers 0 to 31
(setting the U flag to "0"). SP, which is set before the INT instruction is executed, is selected as the stack
for software interrupt numbers 32 to 63 (the U flag is not changed).
With the peripheral function interrupt, the FLG register is saved and the U flag is set to "0" (ISP select)
when an interrupt request is acknowledged. With software interrupt numbers 32 to 49, 52 to 54 and 57,
SP to be used varies depending on whether the interrupt is generated by the peripheral function interrupt
request or by the INT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com