Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 288Page - Renesas Technology Corp M32C/86T Datasheet HTML 289Page - Renesas Technology Corp M32C/86T Datasheet HTML 290Page - Renesas Technology Corp M32C/86T Datasheet HTML 291Page - Renesas Technology Corp M32C/86T Datasheet HTML 292Page - Renesas Technology Corp M32C/86T Datasheet HTML 293Page - Renesas Technology Corp M32C/86T Datasheet HTML 294Page - Renesas Technology Corp M32C/86T Datasheet HTML 295Page - Renesas Technology Corp M32C/86T Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 505 page
background image
Page 269
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.7 G1PO0 to G1PO7 Registers and G1FS Register
Waveform Generating Register 1j (j=0 to 7)
Symbol
G1PO0 to G1PO2
G1PO3 to G1PO5
G1PO6 to G1PO7
RW
RW
Function
Setting Range
b15
b8
Address
010116-010016, 010316-010216, 010516-010416
010716-010616, 010916-010816, 010B16-010A16
010D16-010C16, 010F16-010E16
After Reset
Indeterminate
Indeterminate
Indeterminate
• When the RLD bit in the G1POCRj register is set
to "0", value is reloaded into the G1POj register
for output as soon as written, for example, a
waveform output, reflecting the value.
• When the RLD bit is set to "1", the value is
reloaded when the base timer is reset. The value
written can be read until reloading.
b7
b0
000016 to FFFF16
Function Select Register 1
Symbol
Address
After Reset
G1FS
012716
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Bit
Symbol
b7
b6
b5
b3
b2
b1
b4
b0
FSC0
FSC1
FSC2
Channel 0 Time Measure-
ment/Waveform Generating
Function Select Bit
FSC3
FSC4
FSC5
FSC7
Function
FSC6
0 : Selects the waveform generating
function
1 : Selects the time measurement
function
Channel 1 Time Measure-
ment/Waveform Generating
Function Select Bit
Channel 2 Time Measure-
ment/Waveform Generating
Function Select Bit
Channel 3 Time Measure-
ment/Waveform Generating
Function Select Bit
Channel 4 Time Measure-
ment/Waveform Generating
Function Select Bit
Channel 5 Time Measure-
ment/Waveform Generating
Function Select Bit
Channel 6 Time Measure-
ment/Waveform Generating
Function Select Bit
Channel 7 Time Measure-
ment/Waveform Generating
Function Select Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com