Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 292Page - Renesas Technology Corp M32C/86T Datasheet HTML 293Page - Renesas Technology Corp M32C/86T Datasheet HTML 294Page - Renesas Technology Corp M32C/86T Datasheet HTML 295Page - Renesas Technology Corp M32C/86T Datasheet HTML 296Page - Renesas Technology Corp M32C/86T Datasheet HTML 297Page - Renesas Technology Corp M32C/86T Datasheet HTML 298Page - Renesas Technology Corp M32C/86T Datasheet HTML 299Page - Renesas Technology Corp M32C/86T Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 505 page
background image
Page 273
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Base Timer)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.10 Counter Increment Mode
FFFF16
800016
Base Timer
000016
The above applies to the following conditions:
• The RST1 in the G1BCR1 register is set to "0" (the base timer is not reset by matching the G1PO0 register)
• The UD1 and UD0 bits in the G1BCR1 register are set to "002" (counter increment mode)
The above applies to the following conditions:
• The RST1 in the G1BCR1 register is set to "0" (the base timer is not reset by matching the G1PO0 register)
• The UD1 and UD0 bits in the G1BCR1 register are set to "002" (counter increment mode)
(2) When the IT bit is set to "1" (bit 14 in the base timer overflows)
(1) When the IT bit in the G1BCR0 register is set to "0" (bit 15 in the base timer overflows)
"1"
"0"
"0"
"1"
Write "0" by program
if setting to "0"
FFFF16
800016
Base Timer
000016
Bit 14 Overflow Signal
BT1R bit in IIO4IR register
Bit 15 Overflow Signal
BT1R bit in IIO4IR register
"1"
"0"
"0"
"1"
400016
C00016
Write "0" by program
if setting to "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com