Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 290Page - Renesas Technology Corp M32C/86T Datasheet HTML 291Page - Renesas Technology Corp M32C/86T Datasheet HTML 292Page - Renesas Technology Corp M32C/86T Datasheet HTML 293Page - Renesas Technology Corp M32C/86T Datasheet HTML 294Page - Renesas Technology Corp M32C/86T Datasheet HTML 295Page - Renesas Technology Corp M32C/86T Datasheet HTML 296Page - Renesas Technology Corp M32C/86T Datasheet HTML 297Page - Renesas Technology Corp M32C/86T Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 505 page
background image
Page 271
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Base Timer)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22.1 Base Timer
The base timer is a free-running counter that counts an internally generated count source.
Table 22.2 lists specifications of the base timer. Figures 22.3 and 22.4 show registers associated with the
base timer. Figure 22.9 shows a block diagram of the base timer. Figure 22.10 shows an example of the
base timer in counter increment mode. Figure 22.11 shows an example of the base timer in counter incre-
ment/decrement mode. Figure 22.12 shows an example of two-phase pulse signal processing mode.
Table 22.2 Base Timer Specifications
Item
Specification
Count Source (fBT1)f1 divided by
2(n+1) , two-phase pulse input divided by 2(n+1)
n: determined by the DIV4 to DIV0 bits in the G1BCR0 register
n=0 to 31; however no division when n=31
Counting Operation
The base timer increments the counter value
The base timer increments and decrements the counter value
Two-phase pulse signal processing
Counter Start Condition
The BTS bit in the G1BCR1 register is set to "1" (base timer starts counting)
Counter Stop Condition
The BTS bit in the G1BCR1 register is set to "0" (base timer reset)
Base Timer Reset Condition
• The value of the base timer matches the value of the G1PO0 register
________
_______
• An low-level ("L") signal is applied to the INT0 or INT1 pin
• Bit 15 or bit 9 in the base timer overflows
Value when the Base Timer is Reset
"000016"
Interrupt Request
The BT1R bit in the IIO4IR register is set to "1" (interrupt requested) when bit
9, bit 14 or bit 15 in the base timer overflows (See Figure 11.14.)
Read from Base Timer
• The G1BT register indicates the counter value while the base timer is running
• The G1BT register is indeterminate when the base timer is reset
Write to Base Timer
When a value is written while the base timer is running, the timer counter
immediately starts counting from this value. No value can be written while
the base timer is reset
Selectable Function
• Counter increment/decrement mode
The base timer starts counting when the BTS bit is set to "1". After
reaching to "FFFF16", the timer counter is then decremented back to
"000016". If the RST1 bit in the G1BCR1 register is set to "1" (the base
timer is reset by matching with the G1PO0 register), the timer counter
starts decrementing in two counts after the base timer matches the G1PO0
register. The base timer increments the counter value again when the
timer counter reaches "000016." (See Figure 22.11.)
• Two-phase pulse processing mode
Two-phase pulse signals from P76 and P77 pins or P80 and P81 pins
are counted as well. (See Figure 22.12.)
The IPSA_0 bit in the IPSA register controls input pin selection.
(Refer to 24. Programmable I/O Ports)
The timer increments
counter on all edge
The timer decrements
counter on all edges
P80
(P76)
P81
(P77)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com