Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 184 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 184 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 180Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 181Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 182Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 183Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 184Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 185Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 186Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 187Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 188Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 208 page
background image
184
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters
TA = -40 to +85°C; VSS = 0 V, FCK_CPU= 0 to 24 MHz , VCC = 3.0V to 5.5V
Ambiant Temperature Under Bias ......................-25
°C to 85°C
Storage Temperature .................................... -65
°C to + 150°C
Voltage on VCC to VSS ......................................-0.5 V to + 6.0V
Voltage on Any Pin to VSS........................-0.5 V to VCC + 0.5 V
Power Dissipation 1 W
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
Power Dissipation value is based on the maximum
allowable die temperature and the thermal resistance
of the package.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage: P0, ALE, PSEN
0.45
V
IOL = 1.6 mA
VOH
Output High Voltage: P0, ALE, PSEN
0.9 VCC
VIOH = 10 μA
VOL1
Output Low Voltage: P2, P3, P4, P5, P1.2, P1.6,
P1.7
0.45
V
IOL = 0.8 mA
VOH1
Output High Voltage: P2, P3, P4, P5, P1.2, P1.6,
P1.7
0.9 VCC
VIOH = -10 μA
IIL
Logical 0 Input Current ports 2 to 5 and P1.2, P1.6,
P1.7, if Weak pull-up enabled
-50
μA
Vin = 0.45 V
ILI
Input Leakage Current
±10
μA
0.45 V < VIN < VCC
ITL
Logical 1 to O transistion Current, Port 51
configuration
−650
μAVIN = 2 V
RMEDIUM
Medium Pullup Resistor
10
k
Ω
RWEAK
Weak Pullup Resistor
100
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1MHz
TA = 25
°C
DVCC
Digital Supply Voltage
3
3.4
3.6
V
CL = 470 nF
DICC
Digital Supply Output Current (DVcc pin)
10
mA
CL = 100 nF
FCK_CPU = 24 MHz
VPFDP
Power Fail High Level Threshold
2.8
3
V
VPFDM
Power Fail Low Level Threshold
2,5
2.6
V
trise, tfall
VDD rise and fall time
1
μs
600
second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com