Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 187 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 183Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 184Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 185Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 186Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 187Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 188Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 189Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 190Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 208 page
background image
187
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Smart Card Interface
Card VCC 5V (for IEC7816-3 Class A cards)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Vcc
Power Supply
3.0
5.5
V
CICC_ovf
Card Supply Current overflow
100
mA
CVCC
Card Supply Voltage
4.6
5.4
V
VccMin = 4.0V, CICC = 60 mA
VccMin = 3.0V, CICC = 30 mA
Ripple on Card Voltage
200
mV
0 < CIcc < 60 mA
CVCC
Card Supply Voltage during spike on Icc
4.5
5.5
Max. charge 20 nA.s
Max. duration 400 ns
Max. variation CICC 100 mA
TOFF
CVcc to 0
750
μs
Cload=10μF, Lload=10μH
Vcard = CVcc to 0.4V
TON
0 to CVcc
750
μs
Cload=10μF, Lload=10μH
Vcard = 0V to CVcc
With Boost at 60%
Card VCC 3V Power Supply (for IEC7816-3 Class B cards)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Vcc
Power Supply
3.0
5.5
V
CICC_ovf
Card Supply Current overflow
100
mA
CVCC
Card Supply Voltage
2.76
3.24
V
VccMin = 3.6V, CICC = 55mA
VccMin = 3.0V, CICC = 30 mA
Ripple on Vcard
200
mV
0 < CICC < 55mA
CVCC
Card Supply Voltage during spike on Icc
2.7
3.3
V
Maxi. charge 10nA.s
Max. duration 400 ns
Max. variation CICC 50mA
TOFF
CVcc to 0
750
μs
Cload=10μF, Lload=10μH
Vcard = CVcc to 0.4V
TON
0 to CVcc
750
μs
Cload=10μF, Lload=10μH
Vcard = 0V to CVcc
With Boost at 60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com