Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 186 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 182Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 183Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 184Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 185Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 186Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 187Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 188Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 189Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 208 page
background image
186
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
I
CC Current Test Conditions
Figure 110.
Power Down Mode
Figure 111.
Active and Idle Mode
LED’s
Note:
1. (TA = -20
°C to +50°C, VCC - VOL = 2 V )
All other pins are disconnected.
EA
Ipd
VCC
VCC
(NC)
P0
XTAL2
XTAL1
Vss
VCC
PLLF
GND GND
LI
AVCC
GND
AVss
VCC
GND
All other pins are disconnected.
EA
VCC
Icc
VCC
VCC
(NC)
P0
XTAL2
XTAL1
Vss
VCC
CLOCK SIGNAL
PLLF
GND GND
LI
AVCC
GND
AVss
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IOL
Output Low Current, P3.0 and P3.7 LED modes
1
2
5
3
6
10
5
8
20
mA
mA
mA
2 mA configuration
4 mA configuration
10 mA configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com