Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 65 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 61Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 62Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 63Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 64Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 65Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 66Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 67Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 68Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 159 page
background image
65
AT/T89C51CC02
4126L–CAN–01/08
Programmable Clock-
Output
In clock-out mode, Timer 2 operates as a 50%-duty-cycle, programmable clock genera-
tor (Figure 30). The input clock increments TL2 at frequency fOSC/2. The timer
repeatedly counts to overflow from a loaded value. At overflow, the contents of RCAP2H
and RCAP2L registers are loaded into TH2 and TL2. In this mode, Timer 2 overflows do
not generate interrupts. The formula gives the clock-out frequency depending on the
system oscillator frequency and the value in the RCAP2H and RCAP2L registers:
For a 16 MHz system clock in x1 mode, Timer 2 has a programmable frequency range
of 61 Hz (fOSC/2
16) to 4 MHz (f
OSC/4). The generated clock signal is brought out to T2 pin
(P1.0).
Timer 2 is programmed for the clock-out mode as follows:
•
Set T2OE bit in T2MOD register.
•Clear C/T2 bit in T2CON register.
•
Determine the 16-bit reload value from the formula and enter it in RCAP2H/RCAP2L
registers.
•
Enter a 16-bit initial value in timer registers TH2/TL2. It can be the same as the
reload value or different depending on the application.
•
To start the timer, set TR2 run control bit in T2CON register.
It is possible to use Timer 2 as a baud rate generator and a clock generator simulta-
neously. For this configuration, the baud rates and clock frequencies are not
independent since both functions use the values in the RCAP2H and RCAP2L registers.
Figure 30. Clock-Out Mode
Clock
OutFrequency
–
FT2clock
4
65536
RCAP2H
–
RCAP2L
⁄
()
×
-----------------------------------------------------------------------------------------
=
EXEN2
EXF2
OVERFLOW
T2EX
TH2
(8-bit)
TL2
(8-bit)
TIMER 2
RCAP2H
(8-bit)
RCAP2L
(8-bit)
T2OE
T2CON reg
T2CON reg
T2MOD reg
INTERRUPT
TR2
T2CON.2
FT2
CLOCK
T2
Q
D
Toggle
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com