Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 84 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 80Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 81Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 82Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 83Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 84Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 85Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 86Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 87Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 159 page
background image
84
AT/T89C51CC02
4126L–CAN–01/08
Bit Timing and Baud
Rate
FSM’s (Finite State Machine) of the CAN channel need to be synchronous to the time
quantum. So, the input clock for bit timing is the clock used into CAN channel FSM’s.
Field and segment abbreviations:
•
BRP: Baud Rate Prescaler.
•
TQ: Time Quantum (output of Baud Rate Prescaler).
•
SYNS: SYNchronization Segment is 1 TQ long.
•
PRS: PRopagation time Segment is programmable to be 1, 2, ..., 8 TQ long.
•
PHS1: PHase Segment 1 is programmable to be 1, 2, ..., 8 TQ long.
•
PHS2: PHase Segment 2 is programmable to be superior or eual to the Information
Processing Time and inferior or equal to TPHS1
•
INFORMATION PROCESSING TIME is 2 TQ.
•
SJW: (Re) Synchronization Jump Width is programmable to be minimum of PHS1
and 4.
The total number of TQ in a bit time has to be programmed at least from 8 to 25.
Figure 40. Sample and Transmission Point
The baud rate selection is made by Tbit calculation:
Tbit = Tsyns + Tprs + Tphs1 + Tphs2
1.
Tsyns = Tscl = (BRP[5..0]+ 1)/Fcan = 1TQ
2.
Tprs = (1 to 8) * Tscl = (PRS[2..0]+ 1) * Tscl
3.
Tphs1 = (1 to 8) * Tscl = (PHS1[2..0]+ 1) * Tscl
4.
Tphs2 = (1 to 8) * Tscl = (PHS2[2..0]+ 1) * Tscl
Tphs2 = Max of (Tphs1 and 2TQ)
5.
Tsjw = (1 to 4) * Tscl = (SJW[1..0]+ 1) * Tscl
The total number of Tscl (Time Quanta) in a bit time must be comprised between 8 to
25.
FCAN
CLOCK
Prescaler BRP
PRS 3bit length
PHS1 3bit length
PHS2 3bit length
SJW 2-bit length
bit Timing
System Clock Tscl
Time Quantum
Sample Point
Transmission Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com