Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 14Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 15Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 16Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 17Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 18Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 19Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 20Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 21Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 159 page
background image
18
AT/T89C51CC02
4126L–CAN–01/08
Figure 4. Mode Switching Waveforms(1)
Note:
1. In order to prevent any incorrect operation while operating in the X2 Mode, users must be aware that all peripherals using
the clock frequency as a time reference (UART, timers...) will have their time reference divided by 2. For example, a free run-
ning timer generating an interrupt every 20 ms will then generate an interrupt every 10 ms. A UART with a 4800 baud rate
will have a 9600 baud rate.
XTAL2
XTAL1
CPU
clock
X2 bit
X2
Mode
STD
Mode
STD
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com