Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 51 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 47Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 48Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 49Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 50Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 51Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 52Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 53Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 54Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 159 page
background image
51
AT/T89C51CC02
4126L–CAN–01/08
Serial I/O Port
The T89C51CC02 I/O serial port is compatible with the I/O serial port in the 80C52.
It provides both synchronous and asynchronous communication modes. It operates as a
Universal Asynchronous Receiver and Transmitter (UART) in three full-duplex modes
(Modes 1, 2 and 3). Asynchronous transmission and reception can occur simultaneously
and at different baud rates
Serial I/O port includes the following enhancements:
•
Framing error detection
•
Automatic address recognition
Figure 20. Serial I/O Port Block Diagram
Framing Error Detection
Framing bit error detection is provided for the three asynchronous modes. To enable the
framing bit error detection feature, set SMOD0 bit in PCON register.
Figure 21. Framing Error Block Diagram
When this feature is enabled, the receiver checks each incoming data frame for a valid
stop bit. An invalid stop bit may result from noise on the serial lines or from simultaneous
transmission by two CPUs. If a valid stop bit is not found, the Framing Error bit (FE) in
SCON register bit is set.
The software may examine the FE bit after each reception to check for data errors.
Once set, only software or a reset clears the FE bit. Subsequently received frames with
valid stop bits cannot clear the FE bit. When the FE feature is enabled, RI rises on the
stop bit instead of the last data bit (See Figure 22 and Figure 23).
Write SBUF
RI
TI
SBUF
Transmitter
SBUF
Receiver
IB Bus
Mode 0 Transmit
Receive
Shift register
Load SBUF
Read SBUF
SCON reg
Interrupt
Request
Serial Port
TXD
RXD
RI
TI
RB8
TB8
REN
SM2
SM1
SM0/FE
IDL
PD
GF0
GF1
POF
-
SMOD0
SMOD1
To UART Framing Error Control
SM0 to UART Mode Control
Set FE bit if Stop bit is 0 (Framing Error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com