Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 2Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 3Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 4Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 5Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 6Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 7Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 9Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
6
AT/T89C51CC02
4126L–CAN–01/08
P3.0:7
I/O
Port 3:
Is an 8-bit bi-directional I/O port with internal pull-ups. Port 3 pins that have 1’s written to them are pulled
high by the internal pull-up transistors and can be used as inputs in this state. As inputs, Port 3 pins that
are being pulled low externally will be a source of current (I
IL, See section ’Electrical Characteristic’)
because of the internal pull-ups.
The output latch corresponding to a secondary function must be programmed to one for that function to
operate (except for TxD and WR). The secondary functions are assigned to the pins of port 3 as follows:
P3.0/RxD: Receiver data input (asynchronous) or data input/output (synchronous) of the serial interface
P3.1/TxD: Transmitter data output (asynchronous) or clock output (synchronous) of the serial interface
P3.2/INT0: External interrupt 0 input/timer 0 gate control input
P3.3/INT1: External interrupt 1 input/timer 1 gate control input
P3.4/T0: Timer 0 counter input
P3.5/T1: Timer 1 counter input
P3.6: Regular I/O port pin
P3.7: Regular I/O port pin
P4.0:1
I/O
Port 4:
Is an 2-bit bi-directional I/O port with internal pull-ups. Port 4 pins that have 1’s written to them are pulled
high by the internal pull-ups and can be used as inputs in this state. As inputs, Port 4 pins that are being
pulled low externally will be a source of current (IIL, on the datasheet) because of the internal pull-up
transistor.
The output latch corresponding to a secondary function RxDC must be programmed to one for that
function to operate. The secondary functions are assigned to the two pins of port 4 as follows:
P4.0/TxDC:
Transmitter output of CAN controller
P4.1/RxDC:
Receiver input of CAN controller.
It can drive CMOS inputs without external pull-ups.
RESET
I/O
Reset:
A high level on this pin during two machine cycles while the oscillator is running resets the device. An
internal pull-down resistor to VSS permits power-on reset using only an external capacitor to VCC.
XTAL1
I
XTAL1:
Input of the inverting oscillator amplifier and input of the internal clock generator circuits. To drive the
device from an external clock source, XTAL1 should be driven, while XTAL2 is left unconnected. To
operate above a frequency of 16 MHz, a duty cycle of 50% should be maintained.
XTAL2
O
XTAL2:
Output from the inverting oscillator amplifier.
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com