Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 95 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 91Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 92Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 93Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 94Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 95Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 96Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 97Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 98Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 159 page
background image
95
AT/T89C51CC02
4126L–CAN–01/08
Table 57. CANGSTA Register
CANGSTA (S:AAh Read Only)
CAN General Status Register
Reset Value = x0x0 0000b
765
43210
-
OVFG
-
TBSY
RBSY
ENFG
BOFF
ERRP
Bit Number
Bit Mnemonic
Description
7-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
6OVFG
Overload frame flag
This status bit is set by the hardware as long as the produced
overload frame is sent.
This flag does not generate an interrupt
5-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
4TBSY
Transmitter busy
This status bit is set by the hardware as long as the CAN
transmitter generates a frame (remote, data, overload or error
frame) or an ack field. This bit is also active during an InterFrame
Spacing if a frame must be sent.
This flag does not generate an interrupt.
3RBSY
Receiver busy
This status bit is set by the hardware as long as the CAN receiver
acquires or monitors a frame.
This flag does not generate an interrupt.
2ENFG
Enable on-chip CAN controller flag
Because an enable/disable command is not effective immediately,
this status bit gives the true state of a chosen mode.
This flag does not generate an interrupt.
1BOFF
Bus off mode
See Figure 42
0
ERRP
Error passive mode
See Figure 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com