Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 35 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 31Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 32Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 33Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 34Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 35Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 36Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 37Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 38Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 159 page
background image
35
AT/T89C51CC02
4126L–CAN–01/08
FM0 Memory Architecture
The Flash memory is made up of 4 blocks (See Figure 13):
1.
The memory array (user space) 16K Bytes
2.
The Extra Row
3.
The Hardware security bits
4.
The column latch registers
User Space
This space is composed of a 16K Bytes Flash memory organized in 128 pages of 128
Bytes. It contains the user’s application code.
Extra Row (XRow)
This row is a part of FM0 and has a size of 128 Bytes. The extra row may contain infor-
mation for boot loader usage.
Hardware Security Byte
The Hardware security Byte space is a part of FM0 and has a size of 1 byte.
The 4 MSB can be read/written by software, the 4 LSB can only be read by software and
written by hardware in parallel mode.
Column Latches
The column latches, also part of FM0, have a size of full page (128 Bytes).
The column latches are the entrance buffers of the three previous memory locations
(user array, XROW and Hardware security byte).
Cross Flash Memory Access
Description
The FM0 memory can be programmed as describe on Table 21. Programming FM0
from FM0 is impossible.
The FM1 memory can be program only by parallel programming.
Table 21 show all software Flash access allowed.
Table 21. Cross Flash Memory Access
Action
FM0
(user Flash)
FM1
(boot Flash)
FM0
(user Flash)
Read
ok
-
Load column latch
ok
-
Write
-
-
FM1
(boot Flash)
Read
ok
ok
Load column latch
ok
-
Write
ok
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com