Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 5 Page - ATMEL Corporation

  T89C51CC02CA-RATIM Datasheet HTML 1Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 2Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 3Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 4Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 5Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 6Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 7Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
5
AT/T89C51CC02
4126L–CAN–01/08
Pin Description
Pin Name
Type
Description
VSS
GND
Circuit ground
VCC
Supply Voltage
VAREF
Reference Voltage for ADC (input)
VAVCC
Supply Voltage for ADC
VAGND
Reference Ground for ADC (internaly connected with the VSS)
P1.0:7
I/O
Port 1:
Is an 8-bit bi-directional I/O port with internal pull-ups. Port 1 pins can be used for digital input/output or as
analog inputs for the Analog Digital Converter (ADC). Port 1 pins that have 1’s written to them are pulled
high by the internal pull-up transistors and can be used as inputs in this state. As inputs, Port 1 pins that
are being pulled low externally will be the source of current (I
IL, See section ’Electrical Characteristic’)
because of the internal pull-ups. Port 1 pins are assigned to be used as analog inputs via the ADCCF
register (in this case the internal pull-ups are disconnected).
As a secondary digital function, port 1 contains the Timer 2 external trigger and clock input; the PCA
external clock input and the PCA module I/O.
P1.0/AN0/T2
Analog input channel 0,
External clock input for Timer/counter2.
P1.1/AN1/T2EX
Analog input channel 1,
Trigger input for Timer/counter2.
P1.2/AN2/ECI
Analog input channel 2,
PCA external clock input.
P1.3/AN3/CEX0
Analog input channel 3,
PCA module 0 Entry of input/PWM output.
P1.4/AN4/CEX1
Analog input channel 4,
PCA module 1 Entry of input/PWM output.
P1.5/AN5
Analog input channel 5,
P1.6/AN6
Analog input channel 6,
P1.7/AN7
Analog input channel 7,
It can drive CMOS inputs without external pull-ups.
P2.0:1
I/O
Port 2:
Is an 2-bit bi-directional I/O port with internal pull-ups. Port 2 pins that have 1’s written to them are pulled
high by the internal pull-ups and can be used as inputs in this state. As inputs, Port 2 pins that are being
pulled low externally will be a source of current (IIL, on the datasheet) because of the internal pull-ups.
In the T89C51CC02 Port 2 can sink or source 5mA. It can drive CMOS inputs without external pull-ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com