Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 40 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 36Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 37Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 38Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 39Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 40Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 41Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 42Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 43Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 159 page
background image
40
AT/T89C51CC02
4126L–CAN–01/08
Figure 16. Hardware Programming Procedure
Reading the Flash Spaces
User
The following procedure is used to read the User space:
•
Read one byte in Accumulator by executing MOVC A,@A+DPTR with A+DPTR is
the address of the code byte to read.
Note:
FCON must be cleared (00h) when not used.
Extra Row
The following procedure is used to read the Extra Row space and is summarized in
Figure 17:
•
Map the Extra Row space by writing 02h in FCON register.
•
Read one byte in Accumulator by executing MOVC A,@A+DPTR with A= 0 &
DPTR= FF80h to FFFFh.
•
Clear FCON to unmap the Extra Row.
Hardware Security Byte
The following procedure is used to read the Hardware Security Byte and is sum-
marized in Figure 17:
•
Map the Hardware Security space by writing 04h in FCON register.
•
Read the byte in Accumulator by executing MOVC A,@A+DPTR with A= 0 &
DPTR= 0000h.
•
Clear FCON to unmap the Hardware Security Byte.
Flash Spaces
Programming
Save & Disable IT
EA = 0
Launch Programming
FCON = 54h
FCON = A4h
End Programming
RestoreIT
FBusy
Cleared?
Clear Mode
FCON = 00h
Data Load
DPTR = 00h
ACC = Data
Exec: MOVX @DPTR, A
FCON = 0Ch
Save & Disable IT
EA = 0
End Loading
Restore IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com