Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 45Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 46Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 47Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 48Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 49Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 50Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 51Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 52Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
49
AT/T89C51CC02
4126L–CAN–01/08
XROW Bytes
The EXTRA ROW (XROW) includes 128 bytes. Some of these bytes are used for spe-
cific purpose in conjonction with the bootloader.
Table 31. XROW Mapping
Hardware Conditions
It is possible to force the controller to execute the bootloader after a Reset with hard-
ware conditions.
During the first programming, the user can define a configuration on Port1 that will be
recognized by the chip as the hardware conditions during a Reset. If this condition is
met, the chip will start executing the bootloader at the end of the Reset.
See a detailed description in the applicable Document.
–
Datasheet Bootloader CAN T89C51CC02.
–
Datasheet Bootloader UART T89C51CC02.
Description
Default Value
Address
Copy of the Manufacturer Code
58h
30h
Copy of the Device ID#1: Family code
D7h
31h
Copy of the Device ID#2: Memories size and type
BBh
60h
Copy of the Device ID#3: Name and Revision
FFh
61h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com