Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 3Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 4Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 5Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 6Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 7Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 9Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 10Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 159 page
background image
7
AT/T89C51CC02
4126L–CAN–01/08
I/O Configurations
Each Port SFR operates via type-D latches, as illustrated in Figure 1 for Ports 3 and 4. A
CPU ’write to latch’ signal initiates transfer of internal bus data into the type-D latch. A
CPU ’read latch’ signal transfers the latched Q output onto the internal bus. Similarly, a
’read pin’ signal transfers the logical level of the Port pin. Some Port data instructions
activate the ’read latch’ signal while others activate the ’read pin’ signal. Latch instruc-
tions are referred to as Read-Modify-Write instructions. Each I/O line may be
independently programmed as input or output.
Port Structure
Figure 1 shows the structure of Ports, which have internal pull-ups. An external source
can pull the pin low. Each Port pin can be configured either for general-purpose I/O or
for its alternate input output function.
To use a pin for general-purpose output, set or clear the corresponding bit in the Px reg-
ister (x = 1 to 4). To use a pin for general-purpose input, set the bit in the Px register.
This turns off the output FET drive.
To configure a pin for its alternate function, set the bit in the Px register. When the latch
is set, the ’alternate output function’ signal controls the output level (See Figure 1). The
operation of Ports is discussed further in ’Quasi-Bi-directional Port Operation’
paragraph.
Figure 1. Ports Structure
Note:
1. The internal pull-up can be disabled on P1 when analog function is selected.
D
CL
Q
LATCH
INTERNAL
WRITE
TO
LATCH
READ
PIN
READ
LATCH
ALTERNATE
OUTPUT
FUNCTION
VCC
INTERNAL
PULL-UP (1)
ALTERNATE
INPUT
FUNCTION
BUS
P2.x
P3.x
P4.x
P1.x
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com