Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 31 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 27Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 28Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 29Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 30Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 31Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 32Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 33Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 34Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
31
AT/T89C51CC02
4126L–CAN–01/08
EEPROM Data
Memory
The 2K bytes on-chip EEPROM memory block is located at addresses 0000h to 07FFh
of the XRAM/XRAM memory space and is selected by setting control bits in the EECON
register. A read in the EEPROM memory is done with a MOVX instruction.
A physical write in the EEPROM memory is done in two steps: write data in the column
latches and transfer of all data latches into an EEPROM memory row (programming).
The number of data written on the page may vary from 1 up to 128 Bytes (the page
size). When programming, only the data written in the column latch is programmed and
a ninth bit is used to obtain this feature. This provides the capability to program the
whole memory by Bytes, by page or by a number of Bytes in a page. Indeed, each ninth
bit is set when the writing the corresponding byte in a row and all these ninth bits are
reset after the writing of the complete EEPROM row.
Write Data in the Column
Latches
Data is written by byte to the column latches as for an external RAM memory. Out of the
11 address bits of the data pointer, the 4 MSBs are used for page selection (row) and 7
are used for byte selection. Between two EEPROM programming sessions, all the
addresses in the column latches must stay on the same page, meaning that the 4 MSB
must no be changed.
The following procedure is used to write to the column latches:
•
Save and disable interrupt
•
Set bit EEE of EECON register
•
Load DPTR with the address to write
•
Store A register with the data to be written
•
Execute a MOVX @DPTR, A
•
If needed loop the three last instructions until the end of a 128 Bytes page
•
Restore interrupt
Note:
The last page address used when loading the column latch is the one used to select the
page programming address.
Programming
The EEPROM programming consists of the following actions:
•
Write one or more Bytes of one page in the column latches. Normally, all Bytes must
belong to the same page; if not, the last page address will be latched and the others
discarded.
•
Launch programming by writing the control sequence (50h followed by A0h) to the
EECON register.
•
EEBUSY flag in EECON is then set by hardware to indicate that programming is in
progress and that the EEPROM segment is not available for reading.
•
The end of programming is indicated by a hardware clear of the EEBUSY flag.
Note:
The sequence 5xh and Axh must be executed without instructions between then other-
wise the programming is aborted.
Read Data
The following procedure is used to read the data stored in the EEPROM memory:
•
Save and disable interrupt
•
Set bit EEE of EECON register
•
Load DPTR with the address to read
•
Execute a MOVX A, @DPTR
•
Restore interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com