Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 22 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 18Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 19Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 20Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 21Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 22Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 23Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 24Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 25Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 159 page
background image
22
AT/T89C51CC02
4126L–CAN–01/08
Reset Recommendation
to Prevent Flash
Corruption
When a Flash program memory is embedded on-chip, it is strongly recommended to
use an external reset chip (brown out device) to apply a reset (Figure 7). It prevents sys-
tem malfunction during periods of insufficient power-supply voltage (power-supply
failure, power supply switched off, etc.).
Idle Mode
Idle mode is a power reduction mode that reduces the power consumption. In this mode,
program execution halts. Idle mode freezes the clock to the CPU at known states while
the peripherals continue to be clocked. The CPU status before entering Idle mode is
preserved, i.e., the program counter and program status word register retain their data
for the duration of Idle mode. The contents of the SFRs and RAM are also retained. The
status of the Port pins during Idle mode is detailed in Table 15.
Entering Idle Mode
To en ter Idle mo de, set th e IDL bit in PCON register (Se e Ta ble 16 ). Th e
A/T89C51CC02 enters Idle mode upon execution of the instruction that sets IDL bit. The
instruction that sets IDL bit is the last instruction executed.
Note:
If IDL bit and PD bit are set simultaneously, the A/T89C51CC02 enters Power-down
mode. Then it does not go in Idle mode when exiting Power-down mode.
Exiting Idle Mode
There are two ways to exit Idle mode:
1.
Generate an enabled interrupt.
Hardware clears IDL bit in PCON register which restores the clock to the CPU. Exe-
cution resumes with the interrupt service routine. Upon completion of the interrupt
service routine, program execution resumes with the instruction immediately follow-
ing the instruction that activated Idle mode. The general purpose flags (GF1 and
GF0 in PCON register) may be used to indicate whether an interrupt occurred dur-
ing normal operation or during Idle mode. When Idle mode is exited by an interrupt,
the interrupt service routine may examine GF1 and GF0.
2.
Generate a reset.
A logic high on the RST pin clears IDL bit in PCON register directly and asynchro-
nously. This restores the clock to the CPU. Program execution momentarily
resumes with the instruction immediately following the instruction that activated the
Idle mode and may continue for a number of clock cycles before the internal reset
algorithm takes control. Reset initializes the A/T89C51CC02 and vectors the CPU to
address C:0000h.
Notes:
1. During the time that execution resumes, the internal RAM cannot be accessed; how-
ever, it is possible for the Port pins to be accessed. To avoid unexpected outputs at
the Port pins, the instruction immediately following the instruction that activated Idle
mode should not write to a Port pin or to the external RAM.
2. If Idle mode is invoked by ADC Idle, the ADC conversion completion will exit Idle.
Power-down Mode
The Power-down mode places the A/T89C51CC02 in a very low power state. Power-
down mode stops the oscillator, freezes all clock at known states. The CPU status prior
to entering Power-down mode is preserved, i.e., the program counter, program status
word register retain their data for the duration of Power-down mode. In addition, the
SFRs and RAM contents are preserved. The status of the Port pins during Power-down
mode is detailed in Table 15.
Entering Power-down Mode
To enter Power-down mode, set PD bit in PCON register. The A/T89C51CC02 enters
the Power-down mode upon execution of the instruction that sets PD bit. The instruction
that sets PD bit is the last instruction executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com