Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 30 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 26Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 27Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 28Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 29Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 30Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 31Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 32Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 33Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 159 page
background image
30
AT/T89C51CC02
4126L–CAN–01/08
Table 19. AUXR1 Register
AUXR1 (S:A2h)
Auxiliary Control Register 1
Reset Value = XXXX 00X0b
Note:
1. ENBOOT is initialized with the invert BLJB at reset. See In-System Programming
section.
7654
3210
-
-
ENBOOT
-
GF3
0
-
DPS
Bit
Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
5
ENBOOT(1)
Enable Boot Flash
Set this bit to map the boot Flash between F800h -FFFFh
Clear this bit to disable boot Flash.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3GF3
General Purpose Flag 3
20
Always Zero
This bit is stuck to logic 0 to allow INC AUXR1 instruction without affecting GF3
flag.
1-
Reserved for Data Pointer Extension
0DPS
Data Pointer Select bit
Set to select second dual data pointer: DPTR1.
Clear to select first dual data pointer: DPTR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com