Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 77 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 73Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 74Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 75Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 76Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 77Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 78Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 79Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 80Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 159 page
background image
77
AT/T89C51CC02
4126L–CAN–01/08
fields against the fixed format and the frame size. Errors detected by frame checks
are designated "format errors".
•
ACK Errors
As already mentioned frames received are acknowledged by all receivers through
positive acknowledgement. If no acknowledgement is received by the transmitter of
the message an ACK error is indicated.
Error at Bit Level
•
Monitoring
The ability of the transmitter to detect errors is based on the monitoring of bus
signals. Each node which transmits also observes the bus level and thus detects
differences between the bit sent and the bit received. This permits reliable detection
of global errors and errors local to the transmitter.
•
Bit Stuffing
The coding of the individual bits is tested at bit level. The bit representation used by
CAN is "Non Return to Zero (NRZ)" coding, which guarantees maximum efficiency
in bit coding. The synchronization edges are generated by means of bit stuffing.
Error Signalling
If one or more errors are discovered by at least one node using the above mechanisms,
the current transmission is aborted by sending an "error flag". This prevents other nodes
accepting the message and thus ensures the consistency of data throughout the net-
work. After transmission of an erroneous message that has been aborted, the sender
automatically re-attempts transmission.
CAN Controller
Description
The CAN controller accesses are made through SFR.
Several operations are possible by SFR:
•
arithmetic and logic operations, transfers and program control (SFR is accessible by
direct addressing).
•
4 independent message objects are implemented, a pagination system manages
their accesses.
Any message object can be programmed in a reception buffer block (even non-consec-
utive buffers). For the reception of defined messages one or several receiver message
objects can be masked without participating in the buffer feature. An IT is generated
when the buffer is full. The frames following the buffer-full interrupt will not be taken into
account until at least one of the buffer message objects is re-enabled in reception.
Higher priority of a message object for reception or transmission is given to the lower
message object number.
The programmable 16-bit Timer (CANTIMER) is used to stamp each received and sent
message in the CANSTMP register. This timer starts counting as soon as the CAN con-
troller is enabled by the ENA bit in the CANGCON register.
The Time Trigger Communication (TTC) protocol is supported by the T89C51CC02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com