Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 75 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 71Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 72Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 73Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 74Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 75Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 76Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 77Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 78Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 159 page
background image
75
AT/T89C51CC02
4126L–CAN–01/08
Figure 34. CAN Bit Construction
Synchronization Segment
The first segment is used to synchronize the various bus nodes.
On transmission, at the start of this segment, the current bit level is output. If there is a
bit state change between the previous bit and the current bit, then the bus state change
is expected to occur within this segment by the receiving nodes.
Propagation Time Segment
This segment is used to compensate for signal delays across the network.
This is necessary to compensate for signal propagation delays on the bus line and
through the transceivers of the bus nodes.
Phase Segment 1
Phase Segment 1 is used to compensate for edge phase errors.
This segment may be lengthened during resynchronization.
Sample Point
The sample point is the point of time at which the bus level is read and interpreted as the
value of the respective bit. Its location is at the end of Phase Segment 1 (between the
two Phase Segments).
Phase Segment 2
This segment is also used to compensate for edge phase errors.
This segment may be shortened during resynchronization, but the length has to be at
least as long as the information processing time and may not be more than the length of
Phase Segment 1.
Information Processing Time
It is the time required for the logic to determine the bit level of a sampled bit.
The Information processing Time begins at the sample point, is measured in TQ and is
fixed at 2 TQ for the Atmel CAN. Since Phase Segment 2 also begins at the sample
point and is the last segment in the bit time, Phase Segment 2 minimum shall not be
less than the Information processing Time.
Bit Lengthening
As a result of resynchronization, Phase Segment 1 may be lengthened or Phase Seg-
ment 2 may be shortened to compensate for oscillator tolerances. If, for example, the
transmitter oscillator is slower than the receiver oscillator, the next falling edge used for
resynchronization may be delayed. So Phase Segment 1 is lengthened in order to
adjust the sample point and the end of the bit time.
Time Quantum
(producer)
Nominal CAN Bit Time
Segments
(producer)
SYNC_SEG
PROP_SEG
PHASE_SEG_1
PHASE_SEG_2
propagation
delay
Segments
(consumer)
SYNC_SEG
PROP_SEG
PHASE_SEG_1
PHASE_SEG_2
Sample Point
Transmission Point
(producer)
CAN Frame
(producer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com