Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 39 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 35Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 36Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 37Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 38Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 39Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 40Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 41Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 42Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
39
AT/T89C51CC02
4126L–CAN–01/08
Figure 15. Flash and Extra row Programming Procedure
Hardware Security Byte
The following procedure is used to program the Hardware Security Byte space
and is summarized in Figure 16:
•
Set FPS and map Hardware byte (FCON = 0x0C)
•
Save then disable the interrupts.
•
Load DPTR at address 0000h.
•
Load Accumulator register with the data to load.
•
Execute the MOVX @DPTR, A instruction.
•
Launch the programming by writing the data sequence 54h followed by A4h in
FCON register. This step of the procedure must be executed from FM1.
The end of the programming indicated by the FBusy flag cleared.
•
Restore the interrupts
Flash Spaces
Programming
Save & Disable IT
EA = 0
Launch Programming
FCON = 5xh
FCON = Axh
End Programming
Restore IT
Column Latches Loading
See Figure 14
FBusy
Cleared?
Clear Mode
FCON = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com