Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 70 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 66Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 67Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 68Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 69Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 70Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 71Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 72Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 73Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 159 page
background image
70
AT/T89C51CC02
4126L–CAN–01/08
Watchdog Programming
The three lower bits (S0, S1, S2) located into WDTPRG register permit to program the
WDT duration.
Table 50. Machine Cycle Count
To compute WD Timeout, the following formula is applied:
Note:
Svalue represents the decimal value of (S2 S1 S0)
Find Hereafter computed Timeout values for f
OSCXTAL = 12 MHz in X1 mode
Table 51. Timeout Computation
S2
S1
S0
Machine Cycle Count
00
0
2
14 - 1
00
1
2
15 - 1
01
0
216 - 1
01
1
2
17 - 1
10
0
2
18 - 1
10
1
219 - 1
11
0
220 - 1
11
1
2
21 - 1
S2
S1
S0
fOSC=12 MHz
fOSC=16MHz
fOSC=20 MHz
0
0
0
16.38 ms
12.28 ms
9.82 ms
0
0
1
32.77 ms
24.57 ms
19.66 ms
0
1
0
65.54 ms
49.14 ms
39.32 ms
0
1
1
131.07 ms
98.28 ms
78.64 ms
1
0
0
262.14 ms
196.56 ms
157.28 ms
1
0
1
524.29 ms
393.12 ms
314.56 ms
1
1
0
1.05 s
786.24 ms
629.12 ms
1
1
1
2.10 s
1.57 s
1.25 s
FTime
Out
F
osc
62
×
WD X2
X2
∧
2
14
2
Svalue
×
()
-----------------------------------------------------------------------------
=
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com