Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 94 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 90Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 91Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 92Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 93Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 94Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 95Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 96Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 97Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 159 page
background image
94
AT/T89C51CC02
4126L–CAN–01/08
Registers
Table 56. CANGCON Register
CANGCON (S:ABh)
CAN General Control Register
Reset Value = 0000 0000b
7654
3
2
10
ABRQ
OVRQ
TTC
SYNCTTC
AUTOBAUD
TEST
ENA
GRES
Bit Number
Bit Mnemonic
Description
7ABRQ
Abort Request
Not an auto-resetable bit. A reset of the ENCH bit (message object
control & DLC register) is done for each message object. The
pending transmission communications are immediately aborted but
the on-going communication will be terminated normally, setting
the appropriate status flags, TxOk or RxOk.
6OVRQ
Overload Frame Request (Initiator).
Auto-resetable bit.
Set to send an overload frame after the next received message.
Cleared by the hardware at the beginning of transmission of the
overload frame.
5TTC
Network in Timer Trigger Communication
set to select node in TTC.
clear to disable TTC features.
4
SYNCTTC
Synchronization of TTC
When this bit is set the TTC timer is caught on the last bit of the
End Of Frame.
When this bit is clear the TTC timer is caught on the Start Of
Frame.
This bit is only used in the TTC mode.
3AUTOBAUD
AUTOBAUD
set to active listening mode.
Clear to disable listening mode
2TEST
Test mode. The test mode is intended for factory testing and not for
customer use.
1ENA/STB
Enable/Standby CAN Controller
When this bit is set, it enables the CAN controller and its input
clock.
When this bit is clear, the on-going communication is terminated
normally and the CAN controller state of the machine is frozen (the
ENCH bit of each message object does not change).
In the standby mode, the transmitter constantly provides a
recessive level; the receiver is not activated and the input clock is
stopped in the CAN controller. During the disable mode, the
registers and the mailbox remain accessible.
Note that two clock periods are needed to start the CAN controller
state of the machine.
0GRES
General Reset (Software Reset).
Auto-resetable bit. This reset command is ‘ORed’ with the
hardware reset in order to reset the controller. After a reset, the
controller is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com