Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 7 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 3Page - ATMEL Corporation U4091BM-R Datasheet HTML 4Page - ATMEL Corporation U4091BM-R Datasheet HTML 5Page - ATMEL Corporation U4091BM-R Datasheet HTML 6Page - ATMEL Corporation U4091BM-R Datasheet HTML 7Page - ATMEL Corporation U4091BM-R Datasheet HTML 8Page - ATMEL Corporation U4091BM-R Datasheet HTML 9Page - ATMEL Corporation U4091BM-R Datasheet HTML 10Page - ATMEL Corporation U4091BM-R Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
4872A–CORD–08/05
U4091BM-R
2.
Power down (pulse dialing)
When the chip is in power-down mode (bit LOMAKE), for example, during pulse dialing,
all internal blocks are disabled via the serial bus. In this condition, the voltage regula-
tors and their internal band gap are the only active blocks.
3.
Ringing
During ringing, the supply for the system is fed into VB via the Ringing Power Converter
(RPC). Normally, the speaker amplifier in single-ended mode is used for ringing. The
frequency for the melody is generated by the DTMF/Melody generator.
4.
External supply
In an answering machine, the chip is powered by an external supply via pin VB. The
answering machine connections can be directly made to U4091BM-R. The answering
machine is connected to the pin AMREC. For the output AMREC, an AGC function is
selectable via the serial bus. The output of the answering machine will be connected to
the pin AMPB, which is directly connected to the switching matrix. This enables the sig-
nal to be switched to every desired output.
Figure 4-1.
Supply Generator
5.
Ringing Power Converter (RPC)
The RPC transforms the input power at VRING (high voltage/low current) into an equivalent out-
put power at VB (low voltage/high current) which is capable of driving the low-ohmic
loudspeaker. The input impedance at VRING is adjustable from 3 k
Ω to 12 kΩ by R
IMPA
(Z
RING = RIMPA / 100) and the efficiency of the step-down converter is approximately 65%.
6.
Ringing Frequency Detector (RFD)
The U4091BM-R provides an output signal for the microcontroller. This output signal is always
double the value of the input signal (ringing frequency). It is generated by a current comparator
with hysteresis. The levels for the on-threshold are programmable in 16 steps, the off-level is
fixed. Every change of the comparator output generates a high level at the interrupt output INT.
The information can then be read out by means of a serial bus with either normal or fast read
mode. The block RFD is always enabled.
+
-
-
+
3.3V
5.5V
VMPS
VMP
5.5V
V
470 µF
300 k
Ω
-
+
R
47 µF
220 µF
1 µF
10
RSENSE
R
IND
C
VL
VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com