Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 20 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 16Page - ATMEL Corporation U4091BM-R Datasheet HTML 17Page - ATMEL Corporation U4091BM-R Datasheet HTML 18Page - ATMEL Corporation U4091BM-R Datasheet HTML 19Page - ATMEL Corporation U4091BM-R Datasheet HTML 20Page - ATMEL Corporation U4091BM-R Datasheet HTML 21Page - ATMEL Corporation U4091BM-R Datasheet HTML 22Page - ATMEL Corporation U4091BM-R Datasheet HTML 23Page - ATMEL Corporation U4091BM-R Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
4872A–CORD–08/05
U4091BM-R
12.5
Summary of Truth Table
1.
The circuit will switch to transmit mode if
– Both transmit level detectors sense higher signal levels than the respective receive
level detectors, and
– The transmit background-noise monitor indicates the presence of speech
2.
The circuit will switch to receive mode if
– Both receive level detectors sense higher signal levels than the respective transmit
level detectors, and
– The receive background-noise monitor indicates the presence of speech
3.
The circuit will switch to the reverse mode if
– The level detectors disagree on the relative strengths of the signal levels, and
– At least one of the background-noise monitors indicates speech
4.
The circuit will switch to idle mode when
– Both speakers are quiet (no speech present), or
– When one speaker speech level is continuously overridden by noise at the other
speaker’s location
The time required to switch the circuit between transmit, receive and idle is determined by inter-
nal current sources and the capacitor at pin CT. A diagram of the CT circuitry is shown in Figure
12-7 on page 21. It operates as follows:
• CCT is typically 4.7 µF.
• To switch to transmit mode, ITX is turned on (IRX is off), charging the external capacitor to
–240 mV below VM. (An internal clamp prevents further charging of the capacitor.)
• To switch to receive mode, IRX is turned on (ITX is off), increasing the voltage on the
capacitor to +240 mV with respect to VM.
• To switch to reverse mode, the current sources ITX, IRX are turned off, and the current
source IFI is switched on, discharging the capacitor to VM.
• To switch to idle mode, the current sources ITX, IRX, IFI are turned off, and the current
source ISI charges the capacitor to VM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com