Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 19 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 15Page - ATMEL Corporation U4091BM-R Datasheet HTML 16Page - ATMEL Corporation U4091BM-R Datasheet HTML 17Page - ATMEL Corporation U4091BM-R Datasheet HTML 18Page - ATMEL Corporation U4091BM-R Datasheet HTML 19Page - ATMEL Corporation U4091BM-R Datasheet HTML 20Page - ATMEL Corporation U4091BM-R Datasheet HTML 21Page - ATMEL Corporation U4091BM-R Datasheet HTML 22Page - ATMEL Corporation U4091BM-R Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19
4872A–CORD–08/05
U4091BM-R
Note:
X = don’t care; Y = I3 and I4 are not both noise.
12.4
Term Definitions
1.
Transmit means the transmit attenuator is fully on, and the receive attenuator is at max-
imum attenuation.
2.
Receive means the receive attenuator is fully on, and the transmit attenuator is at max-
imum attenuation.
3.
In idle mode, the transmit and receive attenuator are at half of their maximum
attenuation.
– Change mode means both the transmit and receive speech are present in
approximately equal levels. The attenuators are quickly switched (30 ms) to the
opposite mode until one speech level dominates the other.
– Idle means speech has ceased in both transmit and receive paths. The attenuators
are then slowly switched (1.5s) to idle mode.
4.
Switching to full transmit or receive modes from the idle mode is done at a fast rate
(30 ms).
Table 12-1.
Mode Decision for Signal Sensing
Input
Output
I1
I2
I3
I4
Mode
T
T
S
X
Transmit
T
R
Y
Y
Change mode
R
T
Y
Y
Change mode
RR
X
S
Receive
TT
N
X
Idle
T
RNN
Idle
RT
N
N
Idle
RR
X
N
Idle
LOGT > CLOGR
I1 = T
LOGT < CLOGR
I1 = R
LOGR < CLOGT
I2 = T
LOGR > CLOGT
I2 = R
BNMT detects speech
I3 = S
BNMT detects noise
I3 = N
BNMR detects speech
I4 = S
BNMR detects noise
I4 = N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com