Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 5Page - ATMEL Corporation U4091BM-R Datasheet HTML 6Page - ATMEL Corporation U4091BM-R Datasheet HTML 7Page - ATMEL Corporation U4091BM-R Datasheet HTML 8Page - ATMEL Corporation U4091BM-R Datasheet HTML 9Page - ATMEL Corporation U4091BM-R Datasheet HTML 10Page - ATMEL Corporation U4091BM-R Datasheet HTML 11Page - ATMEL Corporation U4091BM-R Datasheet HTML 12Page - ATMEL Corporation U4091BM-R Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
4872A–CORD–08/05
U4091BM-R
9.
DTMF Dialing
The DTMF generator sends a multi-frequency signal through the matrix to the line. The signal is
the result of the sum of two frequencies and is internally filtered. The frequencies are chosen
from a low and a high frequency group. The circuit conforms to the CEPT recommendation con-
cerning DTMF option. Three different levels for the low level group and two different pre-
emphasis (2.5 dB and 3.5 dB) can be chosen by means of the serial bus (rec. T/CF 46-03).
Attention: In high gain mode, distortion can occur if AGATX is high and DC mask is low.
10. Melody and Confidence Tone Generation
Melody and confidence tone frequencies are given in Table 10-1.
The frequencies are provided at the DTMF input of the switch matrix. A sinusoidal wave, a
square wave or a pulsed wave can be selected by the serial bus. A square signal means the out-
put is high for half of the frequency cycle, and low for the other half. A pulsed signal means high
impedance phases of 1/6 of the period occur between the high and low phases.
Table 10-1.
Status of Melody Generating
Decimal
DTMFM[0:2]
Status
0
000
DTMF generator OFF
1
001
Confidence tone melody on (sine)
2
010
Ringer melody (pulse)
3
011
Ringer melody (square signal)
4
100
DTMF (mid level)
5
101
DTMF (low level)
6
110
DTMF (high level)
7
111
–
Table 10-2.
DTMF Frequencies
Decimal
DTMFF[0:1]
in DTMF Mode
Frequency
Error (%)
0
00
697
–0.007
1
01
770
–0.156
2
10
852
0.032
3
11
941
0.316
Table 10-3.
DTMF Frequencies
Decimal
DTMFF[2:3]
in DTMF Mode
Frequency
Error (%)
0
00
1209
–0.110
1
01
1336
0.123
2
10
1477
–0.020
3
11
1633
–0.182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com