Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 31 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 27Page - ATMEL Corporation U4091BM-R Datasheet HTML 28Page - ATMEL Corporation U4091BM-R Datasheet HTML 29Page - ATMEL Corporation U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation U4091BM-R Datasheet HTML 32Page - ATMEL Corporation U4091BM-R Datasheet HTML 33Page - ATMEL Corporation U4091BM-R Datasheet HTML 34Page - ATMEL Corporation U4091BM-R Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
4872A–CORD–08/05
U4091BM-R
Distortion at low
operating current
IL = 6.5 mA, IMP = 1 mA
I
M = 300 µA, EA[0:4] = 15,
ENMIC = ETX = I101 = 0
dR
5
%
Adjustment step: earpiece amplifier
DEA[0:4] = 1
for EA[0:4] = 2 to 31
0.8
1
1.2
dB
Adjustment step: AGARX
DAGARX[0:2] = 1
0.8
1
1.2
dB
Gain for DTMF signal
AMPB
→ RECO1/2
EA[0:4] = 1
–10
dB
AC impedance
IMPH = 0
IMPH = 1
Z
impl
Zimph
595
980
625
1030
655
1080
Ω
Ω
DTMF, IL = 14 mA, ETX = I201 = 1, AGATX[0:2] = 7, DTMFM[0:2] = 4, DTMFF[0:4] = 0
DTMF level at line (mid gain)
Sum level, 600
Ω,
DTMFM[0:2] = 4
–5.1
–3.6
–2.1
dBm
DTMF level at line (low gain)
Sum level, 600
Ω,
DTMFM[0:2] = 5
–7.6
–6.1
–4.6
dBm
DTMF level at line (high gain)
Sum level, 600
Ω,
DTMFM[0:2] = 6
AGATX[0:2] = 1
–5.2
–3.7
–2.2
dBm
Pre-emphasis
600 W, DTMFF4 = 0
DTMFF4 = 1
2
3
2.5
3.5
3
4
dBm
dBm
Speaker Amplifier, Differential Mode
AMPB
→ SAO1/2
ENSACL = ENSA = ENSAO = ENAM = I4O2 = 1, SA[0:4] = 31,
ERX = ETX = ENMIC = ENSTBAL = I1O1 = I3O3 = 1
Minimum line current for operation
ENAM = I4O2 = 0
SE = 0, I3O2 = 1
IMP 1 mA, V
GEN = 300 mV
ILmin
11
mA
Gain from AMPB to SAO
V
AMPB = 3 mV, IL = 15 mA,
SA[0:4] = 31
SA[0:4] = 0
GSA
36
37
–5.5
38
dB
Adjustment step speaker amplifier
DSA[0:4] = –1
1.15
1.35
1.55
dB
Output power single ended
Load resistance:
R
LS = 50Ω
VAMPB = 40 mV, SE = 1
IL = 15 mA
I
L = 20 mA
PSA
P
SA
3
7
20
mW
mW
Maximum output power differential
Load resistance:
RL = 50Ω
VAMPB = 60 mV, SE = 0
V
B = 5V
P
SA
150
mW
Output noise
(input AMPB open)
psophometrically weighted
IL > 15 mA
n
SA
240
mV
psoph
Gain deviation
I
L = 15 mA
T
amb = –10°C to +60°C
∆G
SA
±1
dB
18. Electrical Characteristics (Continued)
f = 1 kHz, 0 dBm = 775 mVrms, IVMIC = 0.3 mA, IMP = 3 mA, RDC = 1.3 MΩ, Tamb = 25°C, Zear = 68 nF + 100Ω,
RLS = 50
Ω, Z
M = 68 nF, resonator: f = 3.58 MHz, all bits in reset condition, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
1. This is a period of time the bus requires from the end of a data transmission and before a new transmission can be started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com