Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 28 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 24Page - ATMEL Corporation U4091BM-R Datasheet HTML 25Page - ATMEL Corporation U4091BM-R Datasheet HTML 26Page - ATMEL Corporation U4091BM-R Datasheet HTML 27Page - ATMEL Corporation U4091BM-R Datasheet HTML 28Page - ATMEL Corporation U4091BM-R Datasheet HTML 29Page - ATMEL Corporation U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation U4091BM-R Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
4872A–CORD–08/05
U4091BM-R
The 3 programmable parameters are
1.
LF (gain at low frequency)
LF has 15 programming steps of 0.5 dB
LF(0) provides –2 dB gain, LF(15) provides 5.5 dB gain
STO_DIFF(LF) = (–10 dB – 2 dB + 0.5 dB
× LF + 9 dB) × LTX
2.
P (the pole position of the low-pass)
The P adjustment has 31 steps. P(0) means the lowpass determined by the external
application (RST, CST). The internally processed low-pass frequency is fixed by the fol-
lowing equation.
3.
SL (sidetone slope; the pole frequency of the high-pass)
The SL has 3 steps. SL(0) is a lower frequency of the high-pass. SL(3) is a higher fre-
quency of the high-pass. SL can be used to influence the suppression at high
frequencies.
Figure 15-2. Audio Frequency Signal Management U4091BM-R
f(P)
1
2
π
×
CST
×
RST
×
----------------------------------------------------
1.122
P
×
=
Sidetone
balancing
DTMF
generator
Offset
cancel
Filter
< -24 dBm/
-22 dBm >
Offset
cancel
0 dB
0 dB
MIC3
Handset
micro-
phone
Intercom
micro-
phone
0 dB
AMPB
Answering
machine
VL
Line
LRX
DTMF
MIC
AMPB
0 dB
AGCO
RXLS
EPO
Offset
cancel
DTMF
30 dB --> 12 dB
7 dB --> -48 dB
6 dB steps
1 dB steps
7 dB --> 0 dB and
20 dB (NWT)
32 dB --> -23dB
-10 dB
-3 dB to -10 dB and 7 dB (NWT)
1.5dB steps
26 dB --> -3 dB and
-10 dB (DTMF)
9 dB --> 2 dB
1 dB steps
1 dB steps
LTX
0 dB
0 dB
AMREC
AGCI
6 dB
MIC1
MIC2
SAO1
SAO2
8 dB
RECO1
RECO2
MOD
VL
AMREC
AGC
DTMF
< -34 dBm/
-32 dBm >
ST
Earpiece
Loud-
speaker
Line
Answering
machine
1 dB steps
Switching
matrix
-->



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com