Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 18 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 14Page - ATMEL Corporation U4091BM-R Datasheet HTML 15Page - ATMEL Corporation U4091BM-R Datasheet HTML 16Page - ATMEL Corporation U4091BM-R Datasheet HTML 17Page - ATMEL Corporation U4091BM-R Datasheet HTML 18Page - ATMEL Corporation U4091BM-R Datasheet HTML 19Page - ATMEL Corporation U4091BM-R Datasheet HTML 20Page - ATMEL Corporation U4091BM-R Datasheet HTML 21Page - ATMEL Corporation U4091BM-R Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
4872A–CORD–08/05
U4091BM-R
12.1
Dial-tone Detector
The dial-tone detector is a comparator with one side connected to the speaker amplifier input
and the other to VM with a 35-mV offset (see Figure 12-5 on page 21). If the circuit is in idle
mode, and the incoming signal is greater than 35 mV (25 mV
rms), the comparator's output will
change thus disabling the receive idle mode. This circuit prevents the dial tone (which would be
considered as continuous noise) from fading away as the circuit would have the tendency to
switch to idle mode. By disabling the receive idle mode, the dial tone remains at the normally
expected full level.
12.2
Background Noise Monitors
This circuit distinguishes speech (which consists of bursts) from background noise (a relatively
constant signal level). There are two background-noise monitors, one for the receive path and
the other for the transmit path. The receive background-noise monitor is operated on by the
receive level detector, while the transmit background noise monitor is operated on by the trans-
mit level detector (see Figure 12-6 on page 21). They monitor the background noise by storing a
DC voltage representative of the respective noise levels in capacitors at CBNMR and CBNMT.
The voltages at these pins have slow rise times (determined by the internal current source and
an external capacitor), but fast decay times. If the signal at TLDR (or TLDT) changes slowly, the
voltage at BNMR (or BNMT) will remain more positive than the voltage at the non-inverting input
of the monitor's output comparator. When speech is present, the voltage at the non-inverting
input of the comparator will rise more quickly than the voltage at the inverting input (due to the
burst characteristic of speech), causing its output to change. This output is sensed by the mode-
control block.
12.3
4-point Sensing
In 4-point-sensing mode, the receive- and the transmit-sensing paths include additional CLOGs
(calculated logarithmic amplifiers). The block MODECON compares the detector output signals
and decides whether receive, transmit or idle mode has to be activated. Depending on the mode
decision, MODECON generates a differential voltage to control AFSCON.
The MODECON block has seven inputs:
• The output of the transmit log (LOGT) – the comparison of LOGT, CLOGR
• The output of the receive clog (CLOGR) – designated I1
• The output of the transmit clog (CLOGT) – the comparison of CLOGT, LOGR
• The output of the receive log (LOGR) – designated I2
• The output of the transmit background-noise monitor (BNMT) – designated I3
• The output of the receive background-noise monitor (BNMR) – designated I4
• The output of the dial-tone detector
The differential output (AFST, AFSR) of the block MODECON controls AFSCON. The effect of
I1-I4 in Table 12-1 on page 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com