Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 32 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 28Page - ATMEL Corporation U4091BM-R Datasheet HTML 29Page - ATMEL Corporation U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation U4091BM-R Datasheet HTML 32Page - ATMEL Corporation U4091BM-R Datasheet HTML 33Page - ATMEL Corporation U4091BM-R Datasheet HTML 34Page - ATMEL Corporation U4091BM-R Datasheet HTML 35Page - ATMEL Corporation U4091BM-R Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
4872A–CORD–08/05
U4091BM-R
Mute suppression
IL = 15 mA, VL = 0 dBm,
V
AMPB = 4 mV
I4O2 = 0
VSAO
–56
dBm
Gain change with current
IL = 15 mA to 100 mA
∆G
SA
1dB
Gain change with frequency
IL = 15 mA
f = 1 kHz to 3.4 kHz
∆G
SA
–1
0
dB
Attack time of anti-clipping
20 dB overdrive
t
r
2ms
Release time of anti-clipping
t
f
170
ms
Adjustment step of charge current
ENSAO = 0, SE = 1
DLSCUR[0:1] = 1
–480
–400
–320
µA
Adjustment step of
discharge current
ENSAO = 0, SE = 0
DLSCUR[0:1] = 1
320
400
480
µA
Charge current
Pin SAO2
ENSAO = 0, SE = 1
LSCUR[0:1] = 3
I
CHA
–1.45
–1.2
–0.95
mA
Discharge current pin SAO2
ENSAO = 0, SE = 0
LSCUR[0:1] = 3
IDIS
0.95
1.2
1.45
mA
Microphone Amplifier,
VB = 5V, VMIC = 2 mV, VMIC3 = 2 mV, ENMIC = ENAM = I1O4 = 1, MICHF = 0
Gain MIC amp.:
MIC1/2
→AMREC
MICG[0:1] = 0
17.4
18.1
18.8
dB
MICG[0:1] = 1
23.2
23.7
24.6
dB
MICG[0:1] = 2
29.1
29.8
30.5
dB
MICG[0:1] = 3
35.0
35.7
36.4
dB
MIC3 to AMREC
MICHF = 1, MICG[0:1] = 3
35.0
35.7
36.5
dB
Input suppression:
MIC3 to MIC1/2
MICG[0:1] = 0, MICHF = 0
60
dB
MIC1/2 to MIC3
MICHF = 1
60
dB
Settling time offset cancellers
5
τ , FOFFC = 0
9
12
ms
Settling time offset cancellers in
speed-up mode
5
τ , FOFFC = 1
1.8
2.4
ms
AGC for Answering Machine, AMPB to AMREC,
ENAM = ENAGC = I4O5 = I5O4 = 1
Nominal gain
VAMPB = 5 mV
23.5
25.5
27.5
dB
Maximum output level
VAMPB = 50 mV, d< 5%
240
300
360
mVp
Attack time
20 dB overdrive
1
ms
Release time
45
ms
Switching Matrix,
VL = 0, VB = 5V, ENAM = I4O4 = 1, V
AMPB = 0.6 Vrms
Input impedance AMPB
50
60
70
k
Ω
Gain AMPB to AMREC
–0.7
–0.3
+0.1
dB
Maximum input level AMPB
I4O5 = I5O4 = 1, I4O4 = 0
600
mV
Maximum output level AMREC
I4O4 = 1
VB –
600 mV
V
PP
18. Electrical Characteristics (Continued)
f = 1 kHz, 0 dBm = 775 mVrms, IVMIC = 0.3 mA, IMP = 3 mA, RDC = 1.3 MΩ, Tamb = 25°C, Zear = 68 nF + 100Ω,
RLS = 50
Ω, Z
M = 68 nF, resonator: f = 3.58 MHz, all bits in reset condition, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
1. This is a period of time the bus requires from the end of a data transmission and before a new transmission can be started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com