Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 23 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 19Page - ATMEL Corporation U4091BM-R Datasheet HTML 20Page - ATMEL Corporation U4091BM-R Datasheet HTML 21Page - ATMEL Corporation U4091BM-R Datasheet HTML 22Page - ATMEL Corporation U4091BM-R Datasheet HTML 23Page - ATMEL Corporation U4091BM-R Datasheet HTML 24Page - ATMEL Corporation U4091BM-R Datasheet HTML 25Page - ATMEL Corporation U4091BM-R Datasheet HTML 26Page - ATMEL Corporation U4091BM-R Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
4872A–CORD–08/05
U4091BM-R
13. Analog-to-Digital Converter (ADC)
This circuit is a 7-bit successive-approximation analog-to-digital converter in switched capacitor
technique. An internal band gap circuit generates a 1.25-V reference voltage which is the equiv-
alent of 1 MSB (1 LSB = 19.5 mV). The possible input voltage at ADIN is 0V to 2.48V.
The ADC needs an SOC (Start Of Conversion) signal. In the High phase of the SOC signal, the
ADC is reset. Then, 50 µs after the beginning of the Low phase of the SOC signal, the ADC gen-
erates an EOC (End Of Conversion) signal which indicates that the conversion is finished. The
rising edge of EOC generates an interrupt at the INT output. The result can be read out by the
serial bus.
Voltages higher than 2.45V have to be divided. The signal connected to the ADC is determined
by 4 bits: ADC0, ADC1, ADC2 and ADC3. TLDR/TLDT measuring is possible relative to a pre-
ceding reference measurement. The current range of IL can be doubled by ADCR. If ADCR is
High, S has the value 0.5, otherwise S = 1.
The source impedance at ADIN must be lower than 250 k
Ω.
Accuracy: 1 LSB + 3%
Figure 13-1. Timing of ADC
Figure 13-2. ADC Input Selection
SOC
50
µs
EOC
ADIN
0.4 x VB
0.4 x VMP S
0.4 x S AO1
0.4 x VMP
8 x (TLDR - REF)
8 x (TLDT - REF)
0.4 x OFF1
0.4 x OFF2
0.4 x OFF3
IL x 20 mV/(1 mA x S )
ADC
MS B
BIT5
BIT4
BIT3
BIT2
BIT1
LS B
SOC
EOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com