Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 25 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 21Page - ATMEL Corporation U4091BM-R Datasheet HTML 22Page - ATMEL Corporation U4091BM-R Datasheet HTML 23Page - ATMEL Corporation U4091BM-R Datasheet HTML 24Page - ATMEL Corporation U4091BM-R Datasheet HTML 25Page - ATMEL Corporation U4091BM-R Datasheet HTML 26Page - ATMEL Corporation U4091BM-R Datasheet HTML 27Page - ATMEL Corporation U4091BM-R Datasheet HTML 28Page - ATMEL Corporation U4091BM-R Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
25
4872A–CORD–08/05
U4091BM-R
14. Switch Matrix
The switch matrix has 5 inputs and 5 outputs. Every pair of I/Os except AGCO and AGCIN can
be connected. The inputs and outputs used must be enabled. If 2 or more inputs are switched to
an output, the sum of the inputs is available at the output.
The inputs MIC and LRX have offset cancellers with a 3-dB corner frequency of 270Hz. AMPB
has a 60-k
Ω input impedance. The TXO output has a digitally-programmable gain stage with a
gain of 2 dB to 9 dB (in 1 dB steps) depending on AGATX0 (LSB), AGATX1, AGATX2 (MSB),
and a first order low-pass filter with 0.5 dB damping at 3300Hz and 3 dB damping at 9450Hz.
The outputs RXLS, EPO and AMREC have a gain of 0 dB. The offset at the outputs of the matrix
is less than 30 mV. If a switch is open, the path has a damping of more than 60 dB.
Figure 14-1. Switch Matrix Diagram
Low pass
2.9 dB
Offset
cancel
AGATX1
AMREC EPO RXLS
LTX
AGATX2
AGATX0
TXO
-10 dB
STO
O1
O2
O3
O4
O5
I5
I4
I3
I2
I1
Offset
cancel
AMPB
LRX
DTMF
MIC
AGCO
AGCI
AGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com