Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 21 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 17Page - ATMEL Corporation U4091BM-R Datasheet HTML 18Page - ATMEL Corporation U4091BM-R Datasheet HTML 19Page - ATMEL Corporation U4091BM-R Datasheet HTML 20Page - ATMEL Corporation U4091BM-R Datasheet HTML 21Page - ATMEL Corporation U4091BM-R Datasheet HTML 22Page - ATMEL Corporation U4091BM-R Datasheet HTML 23Page - ATMEL Corporation U4091BM-R Datasheet HTML 24Page - ATMEL Corporation U4091BM-R Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
4872A–CORD–08/05
U4091BM-R
Figure 12-5. Dial Tone Detector
Figure 12-6. Background Noise Monitor
Figure 12-7. Generation of Control Voltage (CT) for Mode Switching
-
+
35 mV
IN
OUT
to mode
control
VM
I4
DTD
-
+
56 k
Ω
33 k
Ω
+
-
+
-
36 mV
TLDR
(TLDT)
1 µF
BNMR
(BNMT)
VM
VB
I4
(I3)
10 µA
CT
Control
circuit
AFS
control
to
attenuators
I1-4
4
Dial tone det.
VM
VM
IRX
ITX
IFI
ISI
10 µA
CCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com