Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 24 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 20Page - ATMEL Corporation U4091BM-R Datasheet HTML 21Page - ATMEL Corporation U4091BM-R Datasheet HTML 22Page - ATMEL Corporation U4091BM-R Datasheet HTML 23Page - ATMEL Corporation U4091BM-R Datasheet HTML 24Page - ATMEL Corporation U4091BM-R Datasheet HTML 25Page - ATMEL Corporation U4091BM-R Datasheet HTML 26Page - ATMEL Corporation U4091BM-R Datasheet HTML 27Page - ATMEL Corporation U4091BM-R Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
4872A–CORD–08/05
U4091BM-R
Note:
D = measured digital word (0
≤ D ≤ 127)
S = programmable gain 0.5 or 1
Vp = peak value of the measured signal
Table 13-1.
Input Selection ADC
Decimal
ADC[1:4]
Symbol
Value
0
0000
OFF
-
1
0001
IL
I1 = S
× 127 mA × D / 128
2
0010
ADIN extern
V2 = 2.5V
× D / 128 (maximum 2.5V)
3
0011
VB
V3 = (2.5V / 0.4)
× D / 128
4
0100
VMPS
V4 = (2.5V / 0.4)
× D / 128
5
0101
VMP
V5 = (2.5V / 0.4)
× D / 128
6
0110
TLDR
V6 = 8
× (V
p – Ref) × D / 128
7
0111
TLDT
V7 = 8
× (V
p – Ref) × D / 128
8
1000
Not used
-
9
1001
SAO1
V4 = (2.5V / 0.4)
× D / 128
10
1010
Offcan1
Atmel’s internal use
11
1011
Offcan2
-
12
1100
Offcan3
-
13
1101
Not used
-
14
1110
Not used
-
15
1111
Not used
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com