Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 30 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 26Page - ATMEL Corporation U4091BM-R Datasheet HTML 27Page - ATMEL Corporation U4091BM-R Datasheet HTML 28Page - ATMEL Corporation U4091BM-R Datasheet HTML 29Page - ATMEL Corporation U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation U4091BM-R Datasheet HTML 32Page - ATMEL Corporation U4091BM-R Datasheet HTML 33Page - ATMEL Corporation U4091BM-R Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
4872A–CORD–08/05
U4091BM-R
Noise at line psophometrically
weighted
IL ≥ 14 mA, MICG[0:1] = 2
AGATX[0:2] = 7
No
–73
–70
dBmp
Anti-clipping
attack time
release time
CTXA = 1 µF
each 3 dB overdrive
ta
t
r
2
80
ms
ms
Gain at low operating current
I
L = 8 mA, IMP = 1 mA
V
MIC = 0.5 mV
IVMIC = 300 µA
G
T
45
48
dB
Distortion at low operating current
IL = 8 mA, IMP = 1 mA
V
MIC = 5 mV
I
VMIC = 300 µA
d
t
5%
Receiving Amplifier
IL = 14 mA, VGEN = 300 mV,
ERX = ETX = ENMIC = ENSTBAL = I1O1 = I3O3 = 1, SL[0:1] = 0, LF[0:3] = 1, P[0:4] = 31, AFS[0:5] = 54, AGARX[0:2] = 0
Adjustment range of
receiving gain
Single ended,
I
L ≥ 14 mA, Mute = 1,
EA[0:4] = 2 to 31
AGARX[0:2] = 0 to 7
G
R
–19
+17
dB
Receiving amplification
Differential
AGARX[0:2] = 0
EA[0:4] = 15
EA[0:4] = 31
G
R
–1
14.7
0
15.7
1
16.7
dB
dB
Frequency response
I
L ≥ 14 mA, f = 1 kHz to 3.4 kHz
∆G
RF
–1
0
dB
Gain change with current
I
L = 14 mA to 100 mA
∆G
R
±0.5
dB
Gain deviation
T
amb = –10°C to +60°C
∆G
R
±0.5
dB
Ear protection differential
I
L ≥ 14 mA,
VGEN = 11 Vrms
EA[0:4] = 15
EP
3
Vrms
MUTE suppression
(earpiece disconnect from matrix)
IL = 14 mA, I303 = 0
∆G
R
60
dB
Output voltage
d < 2% differential
I
L = 14 mA
Zear = 68 nF + 100Ω
EA[0:4] = 11
0.775
Vrms
Maximum output
current d < 2%
Zear = 100Ω
EA[0:4] = 31
Iout
4mAp
Receiving noise
psophometrically weighted
I
L = 14 mA
Zear = 68 nF + 100Ω
EA[0:4] = 15
–79
–76
dBmp
Sidetone suppression
Z = 600
Ω
20
dB
Output resistance
Each output against GND
Ro
10
Ω
Gain at low operating
current (receive only)
I
L = 6.5 mA, IMP = 1 mA
I
M = 300 mA
VGEN = 200 mV
EA[0:4] = 21,
ENMIC = ETX = I101 = 0
GR
–2
0
2
dB
18. Electrical Characteristics (Continued)
f = 1 kHz, 0 dBm = 775 mVrms, IVMIC = 0.3 mA, IMP = 3 mA, RDC = 1.3 MΩ, Tamb = 25°C, Zear = 68 nF + 100Ω,
RLS = 50
Ω, Z
M = 68 nF, resonator: f = 3.58 MHz, all bits in reset condition, unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
1. This is a period of time the bus requires from the end of a data transmission and before a new transmission can be started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com