Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 5 Page - ATMEL Corporation

  U4091BM-R Datasheet HTML 1Page - ATMEL Corporation U4091BM-R Datasheet HTML 2Page - ATMEL Corporation U4091BM-R Datasheet HTML 3Page - ATMEL Corporation U4091BM-R Datasheet HTML 4Page - ATMEL Corporation U4091BM-R Datasheet HTML 5Page - ATMEL Corporation U4091BM-R Datasheet HTML 6Page - ATMEL Corporation U4091BM-R Datasheet HTML 7Page - ATMEL Corporation U4091BM-R Datasheet HTML 8Page - ATMEL Corporation U4091BM-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
4872A–CORD–08/05
U4091BM-R
Table 2-1.
Pin Description
Pin
Symbol
Function
1
RECIN
Receive amplifier input(1)
2
TXACL
Time constant adjustment for transmit anti-clipping
3
MIC3
Microphone input for hands-free operation
4
MIC2
Input of symmetrical microphone amplifier with high common-mode rejection ratio
5
MIC1
Input of symmetrical microphone amplifier with high common-mode rejection ratio
6
RECO2
Output of the receive amplifier
7
RECO1
Output of the receive amplifier, also used for sidetone network
8IND
The internal equivalent inductance of the circuit is proportional to the value of the capacitor at this pin. A
resistor connected to ground may be used to adjust the DC mask
9
VL
Positive supply-voltage input to the device in speech mode
10
SENSE
Input for sensing the available line current
11
GND
Ground, reference point for DC and AC signals
12
VB
Unstabilized supply voltage for speech network
13
SAO2
Negative output of speaker amplifier (push-pull only)
14
SAO1
Positive output of speaker amplifier (single-ended and push-pull operation)
15
VMPS
Unregulated supply voltage for the microcontroller (via series regulator to VMP)
16
VMP
Regulated output voltage for supplying the microcontroller (typically 3.3V/6 mA in speech mode)
17
VMIC
Reference node for microphone amplifier, supply for electret microphones
18
TSACL
Time constant for speaker amplifier anti-clipping
19
VRING
Input for ringer supply
20
IMPA
Input for adjusting the ringer input impedance
21
COSC
70-kHz oscillator for ringing power converter
22
SWOUT
Output for driving the external switch resistor
23
INT
Interrupt line for serial bus
24
SCL
Clock input for serial bus
25
SDA
Data line for serial bus
26
OSCIN
Input for 3.58-MHz oscillator
27
RESET
Reset output for the microcontroller
28
OSCOUT
Clock output for the microcontroller
29
ES
Input for external supply indication
30
ADIN
Input of A/D converter
31
BNMR
Output of background-noise monitor receive
32
BNMT
Output of background-noise monitor transmit
33
CT
Time constant for mode switching of voice switch
34
TLDR
Time constant of receive-level detector
35
INLDR
Input of receive-level detector
36
INLDT
Input of transmit-level detector
37
TLDT
Time constant of transmit-level detector
38
IMPSW
Switch for additional line impedance
39
MICO
Microphone preamplifier output
Note:
1. The protection device at pin RECIN is disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com