Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 17 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 13Page - ATMEL Corporation U4091BM-R Datasheet HTML 14Page - ATMEL Corporation U4091BM-R Datasheet HTML 15Page - ATMEL Corporation U4091BM-R Datasheet HTML 16Page - ATMEL Corporation U4091BM-R Datasheet HTML 17Page - ATMEL Corporation U4091BM-R Datasheet HTML 18Page - ATMEL Corporation U4091BM-R Datasheet HTML 19Page - ATMEL Corporation U4091BM-R Datasheet HTML 20Page - ATMEL Corporation U4091BM-R Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
4872A–CORD–08/05
U4091BM-R
Figure 12-2. Power-on Reset (Line)
Figure 12-3. Power-on Reset (Ringing)
Figure 12-4. Power-on Reset (Low Voltage Reset)
Line
ton
trt
LID
IVDD
OSCOUT
VMP
Reset
trt - ton = 4.5 ms
ton = start-up oscillator
trt
Reset
ton
OSCOUT
VMP
IVDD
VRING
VB
Line
LID
VMP
LVI
Reset
OSCOUT
LVI
LVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com