Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 13 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 9Page - ATMEL Corporation U4091BM-R Datasheet HTML 10Page - ATMEL Corporation U4091BM-R Datasheet HTML 11Page - ATMEL Corporation U4091BM-R Datasheet HTML 12Page - ATMEL Corporation U4091BM-R Datasheet HTML 13Page - ATMEL Corporation U4091BM-R Datasheet HTML 14Page - ATMEL Corporation U4091BM-R Datasheet HTML 15Page - ATMEL Corporation U4091BM-R Datasheet HTML 16Page - ATMEL Corporation U4091BM-R Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
4872A–CORD–08/05
U4091BM-R
R4
Matrix
R4B0
I4O2
Switch on AMPB/SA
0
R4B1
I4O3
Switch on AMPB/EPO
0
R4B2
I4O4
Switch on AMPB/AMREC
0
R5
AGATX
MICLIM
R4B3
I4O5
Switch on AMPB/AGCI
0
R4B4
I5O1
Switch on AGCO/LTX
0
R4B5
I5O2
Switch on AGCO/SA
0
R4B6
I5O3
Switch on AGCO/EPO
0
R4B7
I5O4
Switch on AGCO/AMREC
0
R5B0
EAFS
Enable AFS block
0
R5B1
AGATX0
Gain transmit AGA LSB
0
R5B2
AGATX1
Gain transmit AGA
0
R5B3
AGATX2
Gain transmit AGA MSB
0
R5B4
MICHF
Select RF-microphone input
0
R5B5
DBM5
Maximum transmit level for anti-clipping
0
R5B6
MIC0
Gain microphone amplifier LSB
0
R5B7
MIC1
Gain microphone amplifier MSB
0
R6
Shut down
Sidetone
R6B0
SD
Shut down
0
R6B1
Reserved
-
0
R6B2
SL0
Slope adjustment for sidetone LSB
0
R6B3
SL1
Slope adjustment for sidetone MSB
0
R6B4
LF0
Low frequency adjustment for sidetone LSB
0
R6B5
LF1
Low frequency adjustment for sidetone
0
R6B6
LF2
Low frequency adjustment for sidetone
0
R6B7
LF3
Low frequency adjustment for sidetone MSB
0
R7
Sidetone
AGARX
R7B0
P0
Pole adjustment for sidetone LSB
0
R7B1
P1
Pole adjustment for sidetone
0
R7B2
P2
Pole adjustment for sidetone
0
R7B3
P3
Pole adjustment for sidetone
0
R7B4
P4
Pole adjustment for sidetone MSB
0
R7B5
AGARX0
Gain receive AGC LSB
0
R7B6
AGARX1
Gain receive AGC
0
R7B7
AGARX2
Gain receive AGC MSB
0
R8
EARA
Line
impedance
R8B0
EA0
Gain earpiece amplifier LSB
0
R8B1
EA1
Gain earpiece amplifier
0
R8B2
EA2
Gain earpiece amplifier
0
R8B3
EA3
Gain earpiece amplifier
0
R8B4
EA4
Gain earpiece amplifier MSB
0
R8B5
IMPH
Line impedance selection (1 = 1 k
Ω)0
R8B6
LOMAKE
Short circuit during pulse dialing
0
R8B7
AIMP
Switch for additional external line impedance
0
Table 10-6.
Names and Functions of the Serial Registers (Continued)
Register
Group
No.
Name
Description
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com