Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 27 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 23Page - ATMEL Corporation U4091BM-R Datasheet HTML 24Page - ATMEL Corporation U4091BM-R Datasheet HTML 25Page - ATMEL Corporation U4091BM-R Datasheet HTML 26Page - ATMEL Corporation U4091BM-R Datasheet HTML 27Page - ATMEL Corporation U4091BM-R Datasheet HTML 28Page - ATMEL Corporation U4091BM-R Datasheet HTML 29Page - ATMEL Corporation U4091BM-R Datasheet HTML 30Page - ATMEL Corporation U4091BM-R Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
27
4872A–CORD–08/05
U4091BM-R
15. Sidetone System
Figure 15-1. Principle Circuit of Sidetone Balancing
The Sidetone Balancing (STB) has the task of reducing the cross-talk from LTX (microphone) to
LRX (earpiece) in the frequency range of 0.3 kHz to 3.4 kHz. The LTX signal is converted into a
current in the MOD block. This current is transformed into a voltage signal (LINE) by the line
impedance ZL. The LINE signal is fed into the summing amplifier DIFF1 via capacitor CK and
attenuator AMP1.
On the other hand the LTX buffered by STOAMP drives an external low-pass filter (RST, CST).
The external low-pass filter and the internal STB have the transfer function drawn in the STB
box. The amplified STB output signal drives the negative input of the summing block. If both sig-
nals at the DIFF1 block are equal in level and phase, we have good suppression of the LTX
signal. In this condition, the frequency and phase response of the STB block will represent the
frequency curve on line.
In real life, the line impedance ZL varies strongly for different users. To obtain good suppression
with one application for all different line impedances, the STB function is programmable.
-10 dB
LF
f
P
SL
g
STC
STRC
0 - 7 dB
STOAMP
STO
8.2 k
Ω
STO
CTO
33 nF
8 dB
MOD
RECIN
LINE
-10 dB
AMP1
9 dB
STO_DIFF
DIFF1
AMP2
+
-
AGARX
LTX
LRX
CK
ZL
Sidetone balancing
LF
P
SL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com