Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 14 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 10Page - ATMEL Corporation U4091BM-R Datasheet HTML 11Page - ATMEL Corporation U4091BM-R Datasheet HTML 12Page - ATMEL Corporation U4091BM-R Datasheet HTML 13Page - ATMEL Corporation U4091BM-R Datasheet HTML 14Page - ATMEL Corporation U4091BM-R Datasheet HTML 15Page - ATMEL Corporation U4091BM-R Datasheet HTML 16Page - ATMEL Corporation U4091BM-R Datasheet HTML 17Page - ATMEL Corporation U4091BM-R Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
4872A–CORD–08/05
U4091BM-R
R9
AFS
R9B0
AFS0
AFS gain adjustment LSB
0
R9B1
AFS1
AFS gain adjustment
0
R9B2
AFS2
AFS gain adjustment
0
R9B3
AFS3
AFS gain adjustment
0
R9B4
AFS4
AFS gain adjustment
0
R9B5
AFS5
AFS gain adjustment MSB
0
R9B6
AFS4PS
Enable 4-point sensing
0
R9B7
Reserved
-
0
R10
SA
R10B0
SA0
Gain speaker amplifier LSB
0
R10B1
SA1
Gain speaker amplifier
0
R10B2
SA2
Gain speaker amplifier
0
R10B3
SA3
Gain speaker amplifier
0
R10B4
SA4
Gain speaker amplifier MSB
0
R10B5
SE
Speaker amplifier single-ended mode
0
R10B6
LSCUR0
Speaker amplifier charge-current adjustment LSB
0
R10B7
LSCUR1
Speaker amplifier charge-current adjustment MSB
0
R11
ADC
R11B0
ADC0
Input selection ADC
0
R11B1
ADC1
Input selection ADC
0
R11B2
ADC2
Input selection ADC
0
R11B3
ADC3
Input selection ADC
0
R11B4
NWT
Network tuning
0
R11B5
SOC
Start of ADC conversion
0
R11B6
ADCR
Selection of ADC range
0
R11B7
MSKIT
Mask for interrupt bits
0
R12
DTMF
R12B0
DTMFF0
DTMF frequency selection
0
R12B1
DTMFF1
DTMF frequency selection
0
R12B2
DTMFF2
DTMF frequency selection
0
R12B3
DTMFF3
DTMF frequency selection
0
R12B4
DTMFF4
DTMF frequency selection
0
R12B5
DTMFM0
Generator mode selection
0
R12B6
DTMFM1
Generator mode selection
0
R12B7
DTMFM2
Generator mode selection
0
R13
CLK
RTH
TM
R13B0
CLK0
Selection clock frequency for microcontroller
0
R13B1
CLK1
Selection clock frequency for microcontroller
0
R13B2
RTH0
Ringer threshold adjustment LSB
0
R13B3
RTH1
Ringer threshold adjustment
0
R13B4
RTH2
Ringer threshold adjustment
0
R13B5
RTH3
Ringer threshold adjustment MSB
0
R13B6
TME0
Test mode enable (low active)
0
R13B7
TME1
Test mode enable (high active)
0
Table 10-6.
Names and Functions of the Serial Registers (Continued)
Register
Group
No.
Name
Description
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com