Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4091BM-R Datasheet(PDF) 12 Page - ATMEL Corporation

Part # U4091BM-R
Description  Programmable Telephone Audio Processor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-R Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button U4091BM-R Datasheet HTML 8Page - ATMEL Corporation U4091BM-R Datasheet HTML 9Page - ATMEL Corporation U4091BM-R Datasheet HTML 10Page - ATMEL Corporation U4091BM-R Datasheet HTML 11Page - ATMEL Corporation U4091BM-R Datasheet HTML 12Page - ATMEL Corporation U4091BM-R Datasheet HTML 13Page - ATMEL Corporation U4091BM-R Datasheet HTML 14Page - ATMEL Corporation U4091BM-R Datasheet HTML 15Page - ATMEL Corporation U4091BM-R Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
4872A–CORD–08/05
U4091BM-R
Table 10-6.
Names and Functions of the Serial Registers
Register
Group
No.
Name
Description
Status
R0
Enables
R0B0
ENRING
Enable ringer
1
R0B1
ERX
Enable receive part
0
R0B2
ETX
Enable transmit part
0
R0B3
ENVM
Enable VM generator
1
R0B4
ENMIC
Enable microphone
0
R0B5
ENSTBAL
Enable sidetone
0
R0B6
MUTE
Muting earpiece amplifier
0
R0B7
ENRLT
Enable POR low threshold
1
R1
Enables
R1B0
ENSACL
Enable anti-clipping for speaker amplifier
0
R1B1
ENSA
Enable speaker amplifier and AFS
0
R1B2
ENSAO
Enable output stage speaker amplifier
0
R1B3
ENAM
Enable answering machine connections
0
R1B4
ENAGC
Enable AGC for answering machine
0
R1B5
Reserved
-
0
R1B6
Reserved
-
0
R1B7
FOFFC
Speed up offset canceller
0
R2
Matrix
R2B0
I1O1
Switch on MIC/LTX
0
R2B1
I1O2
Switch on MIC/SA
0
R2B2
I1O3
Switch on MIC/EPO
0
R2B3
I1O4
Switch on MIC/AMREC
0
R2B4
I1O5
Switch on MIC/AGCI
0
R2B5
I2O1
Switch on DTMF/LTX
0
R2B6
I2O2
Switch on DTMF/SA
0
R2B7
I2O3
Switch on DTMF/EPO
0
R3
Matrix
R3B0
I2O4
Switch on DTMF/AMREC
0
R3B1
I2O5
Switch on DTMF/AGCI
0
R3B2
I3O1
Switch on LRX/LTX
0
R3B3
I3O2
Switch on LRX/SA
0
R3B4
I3O3
Switch on LRX/EPO
0
R3B5
I3O4
Switch on LRX/AMREC
0
R3B6
I3O5
Switch on LRX/AGCI
0
R3B7
I4O1
Switch on AMPB/LTX
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com