Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 36 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 36 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 32Page - Texas Instruments TCM4400EPET Datasheet HTML 33Page - Texas Instruments TCM4400EPET Datasheet HTML 34Page - Texas Instruments TCM4400EPET Datasheet HTML 35Page - Texas Instruments TCM4400EPET Datasheet HTML 36Page - Texas Instruments TCM4400EPET Datasheet HTML 37Page - Texas Instruments TCM4400EPET Datasheet HTML 38Page - Texas Instruments TCM4400EPET Datasheet HTML 39Page - Texas Instruments TCM4400EPET Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
JTAG interface
TCM4400E provides a JTAG interface according to IEEE Std1149.1. This interface uses five dedicated IOs:
TCK (test clock), TMS (test mode select), TDI (scan input), TDO (scan output), and TRST (test reset). Inputs
TMS,TDI, and TRST contain a pullup device which makes their state high when they are not driven. Output TDO
is a 3-state output which is Hi-Z except when data are shifted between TDI and TDO. TRST input is intended
for proper initialization of the state machine test access port (TAP) and boundary scan cells. System RESET
is sent into the device through a boundary-scan register, which has to be initialized by TRST to allow the RESET
signal to be propagated into the device; a good practice should be to connect RESET and TRST terminals
together.
standard user instructions available.
NAME
OPCODE
DESCRIPTION
BYPASS
11111
Connects the by-pass register between TDI and TDO.
SAMPLE/PRELOAD
00010
Connects the boundary scan register between TDI and TDO. This mode captures a snapshot of the state
of the digital I/Os of the device.
EXTEST
00000
Connects the boundary scan register between TDI and TDO. This mode captures the state of the input
terminals and forces the state of the output pins. This mode is intended for printed-circuit board
connections testing between devices.
IDCODE
00001
Connects the identification register between TDI and TDO. This is the default configuration at reset.
INTEST
00011
Connects the boundary scan register between TDI and TDO. This mode forces the internal system input
signals via the parallel latches of the boundary register and captures internal system outputs. The mode
performs device internal tests independently of the state of its input terminals. In this mode the internal
system master clock is derived from TCK and is active in the run-test-idle state of the state machine to
allow step-by-step operation of the device.
JTAG interface scan chains description
bypass register
1
TDI
0
TDO
instruction register
5
TDI
0
TDO
4
0
3
0
2
0
1
0
identification register
32
TDI
0
TDO
31
0
30
1
29
0
28
0
0
0
0
0
0
0
0
0
0
1
1
27
26
25
24
23
22
21
20
19
18
17
16
0
15
1
14
0
13
1
12
0
0
0
0
0
0
1
0
1
1
1
1
11
10
9
8
765
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com