Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 40 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 40 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 36Page - Texas Instruments TCM4400EPET Datasheet HTML 37Page - Texas Instruments TCM4400EPET Datasheet HTML 38Page - Texas Instruments TCM4400EPET Datasheet HTML 39Page - Texas Instruments TCM4400EPET Datasheet HTML 40Page - Texas Instruments TCM4400EPET Datasheet HTML 41Page - Texas Instruments TCM4400EPET Datasheet HTML 42Page - Texas Instruments TCM4400EPET Datasheet HTML 43Page - Texas Instruments TCM4400EPET Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
voltage references
Voltage and current generators are integrated inside the GSM converter. Some additional components are
required for the decoupling and regulation of the internal references. In addition, the internal buffers are
automatically shut down with the corresponding functions being powered down.
There are six terminals reserved for voltage references decoupling and use: VGAP, IBIAS, VREF, MICBIAS,
and VMID (see Table 1):
VGAP:
This terminal is connected to the internal band gap reference voltage. It must be externally
connected to a 0.1-
µF capacitor. The band gap drives the current generator and the voltage
reference. This bandgap may be powered down by the PWRDN pin, depending on bit VGAPPN
of register PWDNRG2.
IBIAS:
This terminal is connected to the current reference. It must be externally connected to a 100 k
Ω
resistor. As this block is connected to the AFC function, the power down is controlled with similar
means. The current generator is shut down with the same bits as the band gap – one bit for the
power down selection of a hardware solution (with the external PWRDN terminal).
VREF:
This terminal is connected to the internal reference voltage. It must be externally connected to a
0.1-
µF capacitor. This band gap may be powered down with the control of the bits VREFPN and
VREFPD of the register PWDNRG2. This voltage reference is internally connected to three
buffers corresponding to the blocks of speech downlink, speech uplink, and GMSK downlink. The
two first blocks are powered down with the inactivity of the corresponding speech blocks. This last
block is shut down outside the radio downlink activations.
VMID:
This buffer gives the VDD/2 or 1.35 V common-mode output voltage of the baseband uplink path.
This voltage value is selected with the SELVMID bit.
MICBIAS:
This buffer is designed to drive an electret-type microphone. The output voltage can be chosen
by software (bit MICBIAS of VBCTL1 register) between the value 2 V to 2.5 V.
ADCMID:
For decoupling purposes, the ADCMID terminal is connected to the internal comparison threshold
of the ADC. Setup time before the ADC is powered on is dependent on the value of the external
decoupling capacitor.
Table 1. Voltage References
REFERENCE
VOLTAGE
DEFINITION
VGAP
1.22 V
Band gap used for all other references
VREF
1.75 V
Voltage reference of GMSK internal ADC and DAC
VMID
AVDD2/2 Common-mode reference for uplink/downlink GMSK
MICBIAS
2 V / 2.5 V
Microphone-driving voltage
ADCMID
AVDD3/2 Voltage dc biasing of the auxiliary ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com